Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2590 Datasheet(PDF) 1 Page - ams AG

Part # AS2590
Description  LC DISPLAY DRIVER WITH 18 DIGITS, 6 SYMBOLS AND CLOCK/TIMER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2590 Datasheet(HTML) 1 Page - ams AG

  AS2590 Datasheet HTML 1Page - ams AG AS2590 Datasheet HTML 2Page - ams AG AS2590 Datasheet HTML 3Page - ams AG AS2590 Datasheet HTML 4Page - ams AG AS2590 Datasheet HTML 5Page - ams AG AS2590 Datasheet HTML 6Page - ams AG AS2590 Datasheet HTML 7Page - ams AG AS2590 Datasheet HTML 8Page - ams AG AS2590 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Data Sheet
AS2590
Rev. 1
Dec. 1993
LC DISPLAY DRIVER WITH 18 DIGITS,
6 SYMBOLS AND CLOCK/TIMER
®
Austria Mikro Systeme International
VDD
KEYBOARD
Vss
DIALLER
CONTROLLER
AS2574A/B
SDA
SCL
VDD
X1
X2
V23
V13
VLCD
BIAS
MS
Vss
32.768kHz
SPEECH CIRCUIT
Key Features
u Very low operating current, typ. 30
µA @ 3V
u Low power oscillator using 32.768 kHz Xtal
u 2-wire interface compatible to AS2574B
u 18 digits by 7 segments
u 6 symbols
u 24 hour clock showing hours and minutes
u Timer automatically showing elapsed time in
minutes and seconds after each telephone
conversation
u 33 LCD segment outputs and 4 LCD backplane
outputs
u 4 times multiplex mode with a cycle time of 128 Hz
u Mode select pin for selecting clock function
General Description
The AS2590 is an integrated CMOS device for driving a
liquid crystal display intended for use in telephones. The
2-wire serial interface is compatible to the dialler
AS2574B.
The extreme low operating current allows the circuit to
be operational also during on-hook which is necessary
in order to the use of the clock function. In on-hook
condition the circuit can be supplied by a small leakage
current from the telephone line or from a small 3V
battery.
Whether the oscillator shall continue operating or be
stopped during on-hook is determined by the mode pin,
MS.
Package
Available in 48 pin DIP and 52 pin PLCC.


Similar Part No. - AS2590

ManufacturerPart #DatasheetDescription
logo
ams AG
AS2591 AMSCO-AS2591 Datasheet
74Kb / 10P
16-Digit LCD Driver CMOS Integrated Circuit
logo
Alpha Industries
AS259M1-12 ALPHA-AS259M1-12 Datasheet
26Kb / 2P
GaAs IC SPST Non-Reflective Switch DC
More results

Similar Description - AS2590

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC3610 SILAN-SC3610 Datasheet
258Kb / 16P
FREQUENCY AND CLOCK DISPLAY DRIVER
logo
List of Unclassifed Man...
C-563X ETC-C-563X Datasheet
124Kb / 1P
THREE DIGITS DISPLAY
C-562X ETC-C-562X Datasheet
111Kb / 1P
DUAL DIGITS DISPLAY
C-404CX ETC1-C-404CX Datasheet
92Kb / 1P
FOUR DIGITS DISPLAY
C-562H ETC1-C-562H Datasheet
73Kb / 1P
DUAL DIGITS DISPLAY
C-4N4H ETC1-C-4N4H Datasheet
89Kb / 1P
FOUR DIGITS DISPLAY
C-302H ETC1-C-302H Datasheet
109Kb / 1P
DUAL DIGITS DISPLAY
C-513H ETC1-C-513H Datasheet
129Kb / 1P
THREE DIGITS DISPLAY
A-562H ETC1-A-562H Datasheet
114Kb / 1P
DUAL DIGITS DISPLAY
logo
BOWIN ELECTRONIC CO.
LS6022 BOWIN-LS6022 Datasheet
88Kb / 7P
Dual display Real time clock with Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com