Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2590 Datasheet(PDF) 7 Page - ams AG

Part # AS2590
Description  LC DISPLAY DRIVER WITH 18 DIGITS, 6 SYMBOLS AND CLOCK/TIMER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2590 Datasheet(HTML) 7 Page - ams AG

Back Button AS2590 Datasheet HTML 3Page - ams AG AS2590 Datasheet HTML 4Page - ams AG AS2590 Datasheet HTML 5Page - ams AG AS2590 Datasheet HTML 6Page - ams AG AS2590 Datasheet HTML 7Page - ams AG AS2590 Datasheet HTML 8Page - ams AG AS2590 Datasheet HTML 9Page - ams AG AS2590 Datasheet HTML 10Page - ams AG AS2590 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Data Sheet
AS2590
Rev. 1
Dec. 1993
Electrical Characteristics
Absolute Maximum Ratings
Positive Supply Voltage ...................................................................................................................-0.3V
≤ V
DD ≤ 7V
Input Current ................................................................................................................................................
± 25 mA
Digital Input Voltage .....................................................................................................V
SS - 0.3V ≤ VIN ≤ VDD + 0.3V
Electrostatic Discharge (HBM) ........................................................................................................................
±500V
Storage Temperature ......................................................................................................................-65
°C to +125°C
Recommended Operating Conditions
Supply Voltage ..............................................................................................................................2.5V
≤ V
DD ≤ 5.5V
Oscillator Frequency ...............................................................................................................................32.768 kHz
Operating Temperature ....................................................................................................................- 25
°C to +70°C
DC Characteristics (Default conditions: recommended operating conditions; outputs unloaded; V
DD = 3.0V)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Test circuit fig. 5
I
DD0
Standby Current
no clock running
1.5
µA
I
DD
Operating Current
T
AMB = 5 to 55 °C30
50
µA
Note 1, note 2
V
IL
Input Voltage, Low
V
SS
0.2 V
DD
V
V
IH
Line Voltage, High
0.8 V
DD
V
DD
V
V
LCD
Output Voltage, Sink
I
LCD = 4.8 mA
0.4
V
R
BIAS
Oscillator Bias Resistor
2.2
M
Ω
Note 1: Segment and backplane outputs loaded with maximum 30 pF, power consumption of external voltage divider not
included, R
BIAS = 2.2 MΩ ± 10%.
Note 2: Xtal parameters:
Rimax = 60 k
Ω (Rityp = 30 kΩ)
Qmin = 35 000
Co = 1.5 pF (capacitance across Xtal terminals)
fxtal = 32.768 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com