Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2578P Datasheet(PDF) 19 Page - ams AG

Part # AS2578P
Description  TELEPHONE CONTROLLER WITH 13 MEMORIES AND 2-WIRE BUS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2578P Datasheet(HTML) 19 Page - ams AG

Back Button AS2578P Datasheet HTML 14Page - ams AG AS2578P Datasheet HTML 15Page - ams AG AS2578P Datasheet HTML 16Page - ams AG AS2578P Datasheet HTML 17Page - ams AG AS2578P Datasheet HTML 18Page - ams AG AS2578P Datasheet HTML 19Page - ams AG AS2578P Datasheet HTML 20Page - ams AG AS2578P Datasheet HTML 21Page - ams AG AS2578P Datasheet HTML 22Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Data Sheet
Rev. 3
19
AS2578 /B
March 1997
ElectricalCharacteristics
AbsoluteMaximumRatings
Positive Supply Voltage ...................................................................................................................-0.3V
≤ V
DD ≤ 7V
Input Current ................................................................................................................................................
± 25 mA
Digital Input Voltage ......................................................................................................V
SS - 0.3V ≤ VIN ≤ VDD + 0.3V
Electrostatic Discharge (HBM) ........................................................................................................................
±800V
Storage Temperature ......................................................................................................................-65
°C to +125°C
Recommended Operating Conditions
Supply Voltage (except DTMF) .....................................................................................................2.2V
≤ V
DD ≤ 5.5V
Supply Voltage (DTMF) .................................................................................................................2.5V
≤ V
DD ≤ 5.5V
Oscillator Frequency ..................................................................................................................................3.58 MHz
Operating Temperature ....................................................................................................................- 25
°C to +70°C
DC Characteristics (Default conditions: recommended operating conditions; outputs unloaded; V
DD = 3.5V;
AP and MODE = Vss; unless otherwise specified))
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
DD0
Standby Current
HS = L; CE = L
0.1
µA
I
DD
Standby Current
HS = H; Osc. = 0
3.6
µA
I
DD
Operating Current
no tones
400
700
µA
I
DD
Operating Current
MF/melody
0.9
1.5
mA
V
IL
Input Voltage, Low
V
SS
0.2 V
DD
V
V
IH
Line Voltage, High
0.8 V
DD
V
DD
V
I
OL
Output Current, Sink
V
OL = 0.4V
1.5
mA
I
OH
Output Current, Source
V
OH = VDD - 0.4V
1
mA
R
HS
Pull-down Resistor
1
M
Ω
R
CE
Pull-down Resistor
1
M
Ω
AC Charateristics
(Default conditions: recommended operating conditions)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
S
Clock Startup Time
5
ms
t
D
Key Debounce Time
14.7
ms
t
HS
HS Debounce Time
14.7
ms
t
SU
Setup Time
100
ms
Continues…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com