Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2578P Datasheet(PDF) 20 Page - ams AG

Part # AS2578P
Description  TELEPHONE CONTROLLER WITH 13 MEMORIES AND 2-WIRE BUS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2578P Datasheet(HTML) 20 Page - ams AG

Back Button AS2578P Datasheet HTML 14Page - ams AG AS2578P Datasheet HTML 15Page - ams AG AS2578P Datasheet HTML 16Page - ams AG AS2578P Datasheet HTML 17Page - ams AG AS2578P Datasheet HTML 18Page - ams AG AS2578P Datasheet HTML 19Page - ams AG AS2578P Datasheet HTML 20Page - ams AG AS2578P Datasheet HTML 21Page - ams AG AS2578P Datasheet HTML 22Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Data Sheet
Rev. 3
20
AS2578 /B
March 1997
ACCharacteristicsCont´d
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DTMF
V
MF
MF Tone Level
High group, R
L = 15 kΩ
-12.3
-10.8
-9.3
dBm
∆V
L-H
Preemphasis Low to High
R
L = 15 kΩ
2.0
2.4
2.8
dB
THD
Distortion (0.3 - 4 kHz)
R
L = 15 kΩ, note 3
-23
dBr
t
TD
Tone Duration
Note 1
80
82.3
85
ms
t
ITP
Inter Tone Pause
Note 1
80
82.3
85
ms
t
TR
Tone Rise Time
Note 2
5
ms
t
TF
Tone Fall Time
Note 2
5
ms
LD
t
DR
Dial Rate
±5%
10
pps
t
M/B
Make/Break Period
±5%, MODE = low
40.8/61.2
ms
±5%, MODE = high
33/66
ms
t
IDP
Inter Digit Pause
800
840
880
ms
t
MO
Mute Overhang
t
M
t
FD
Flash Duration
100
102
ms
t
GLS
Ground Loop, Short
R key
≤ 540 ms
495
500
505
ms
t
GLL
Ground Loop, Long
R key > 540 ms
1200
1250
1300
ms
t
AP
Automatic Pause
2.9
3.0
3.1
sec
Melody
V
MO
Melody Output
PDM
t
MD
Melody Delay
10
ms
F1
Frequency 1
770
800
830
Hz
F2
Frequency 2
1025
1067
1110
Hz
F3
Frequency 3
1280
1333
1385
Hz
t
DT
Detection Time
80
85
ms
t
TO
Detection Time-out
note 4
ms
f
MIN
Min. Detection Frequency
19
20
21
Hz
f
MAX
Max. Detection Frequency
58
59
60
Hz
Note 1: The values are valid during automatic dialling and are minimum values during manual dialling, i.e. the tones will
continue as long as the key is depressed.
Note 2: The rise time is the time from 10% of final value till the tone amplitude has reached 90 % of its final value.
Note 3: Relative to high group.
Note 4: The FCI circuit is reset by POR and on-hook. After a reset the FCI circuit is in a standby state. A positive edge on FCI
will start the 73 ms timer and the frequency discrimination is initiated. Whenever a period of the ring frequency is
missing, the timer is reset. When a valid ring signal is present for
≥ 73 ms, the melody generator is started and is
directly controlled by a valid signal from the FCI circuit. This condition will remain until a new reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com