Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2534EP Datasheet(PDF) 20 Page - ams AG

Part # AS2534EP
Description  Multi-Standard CMOS Single Chip Telephone IC with Dual Soft Clipping
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2534EP Datasheet(HTML) 20 Page - ams AG

Back Button AS2534EP Datasheet HTML 16Page - ams AG AS2534EP Datasheet HTML 17Page - ams AG AS2534EP Datasheet HTML 18Page - ams AG AS2534EP Datasheet HTML 19Page - ams AG AS2534EP Datasheet HTML 20Page - ams AG AS2534EP Datasheet HTML 21Page - ams AG AS2534EP Datasheet HTML 22Page - ams AG AS2534EP Datasheet HTML 23Page - ams AG AS2534EP Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
20
Rev. 7
July 1998
Data Sheet
AS2533...6
AC Characteristics (I
LINE = 15 mA; f = 800 Hz unless otherwise specified)
T x
Transmit
Test Circuit Fig. 10
A
TX
Gain, Transmit
M1/M2 to LI
35.1
36.6
38.1
dB
∆A
TX/F
Variation with Frequency
f = 500 Hz to 3.4 kHz
±0.8
dB
THD
Distortion
V
LI ≤ 0.25VRMS
2%
V
AGC
Soft Clip Level
V
LI =2
V
PEAK
A
SCO
Soft Clip Overdrive
20
dB
t
ATTACK
Attack Time
30
µs/6 dB
t
DECAY
Decay Time
20
ms/6dB
Z
IN
Input Impedance (M1/M2)
20
k
Ω
A
MUTE
Mute Attenuation
Mute activated
60
dB
V
NO
Noise Output Voltage
T
AMB = 25°C
-72
dBmp
V
IN Max
Input Voltage Range
Differential
±1
V
PEAK
(M1/M2)
Single Ended
±0.5
V
PEAK
BJT
Output Driver
V
IN MAX
Input Voltage Range (LI)
±2
V
PEAK
V
TX
Dynamic Range
±2
V
PEAK
RL
Return Loss
Z
RL=1000Ω; TAMB = 25°C18
dB
∆Z
AC/TEMP
Temperature Variation
0.5
Ω/°C
R x
Receive
Test Circuit Fig. 10
A
RX
Receive Gain (Vol. default) LI to RO
1.5
3
4.5
dB
A
VOL
Volume Gain
VOL key
+5.4
dBr
A
VOL
Volume Gain
–/+ keys
-5.4/+8.1
dBr
∆A
RX/F
Variation with Frequency
f = 500 Hz to 3.4 kHz
±0.8
dB
THD
Distortion
V
RI ≤ 0.25VRMS
2%
V
AGC
Soft Clip Level
V
RO =1
V
PEAK
A
SCO
Soft Clip Overdrive
10
dB
t
ATTACT
Attact Time
V
RI > 0.8VRMS
30
µs/6 dB
t
DECAY
Decay Time
20
ms/6dB
V
NO
Noise Output Voltage
T
AMB = 25°C
-72
dBmp
V
UFC
Unwanted F. Components
50 Hz....20 kHz
-60
dBm
Z
IN
Input Impedance (RI)
8
k
Ω
V
IN RI
Input Voltage Range (RI)
±2
V
PEAK
A
ST
Sidetone Cancellation
V
RI ≤ 0.25VRMS
26
dB
V
IN ST
Input Voltage Range (STB)
±2
V
PEAK
Z
IN
Input Impedance (STB)
80
k
Ω
Symbol
Parameter
Conditions
Min
Typ
M a x
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com