Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2534EP Datasheet(PDF) 1 Page - ams AG

Part # AS2534EP
Description  Multi-Standard CMOS Single Chip Telephone IC with Dual Soft Clipping
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2534EP Datasheet(HTML) 1 Page - ams AG

  AS2534EP Datasheet HTML 1Page - ams AG AS2534EP Datasheet HTML 2Page - ams AG AS2534EP Datasheet HTML 3Page - ams AG AS2534EP Datasheet HTML 4Page - ams AG AS2534EP Datasheet HTML 5Page - ams AG AS2534EP Datasheet HTML 6Page - ams AG AS2534EP Datasheet HTML 7Page - ams AG AS2534EP Datasheet HTML 8Page - ams AG AS2534EP Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
Rev. 7
July 1998
Data Sheet
AS2533...6
Multi-Standard CMOS Single Chip
Telephone IC with Dual Soft Clipping
®
Austria Mikro Systeme International AG
Package
Available in 28 pin SOIC or DIP.
LINE ADAPTATION
POWER EXTRACTION
DC MASK
DIALLER
SOFT CLIP
AGC
LI
STB
RI
LINE
CURRENT
SENSE
VDD
CS
LS
MUTE
RO
M1
M2
ZBAL
VDD
MO
FCI
MELODY
SEQUENCER
RING
FREQUENCY
DISCRIMINATION
CONTROL
LOGIC
HS/DP
C4
C3
C2
C1
R4
R3
R2
R1
3.58
MHz
OSC
Vss
AGND
La
Lb
LLC
RAM
OSC
LLC Hi
LLC Lo
LLC Off
AS253x
MODE
MFL
TONE
GENERATOR
AGND
LED
Z2
Z1
CI
KEY
PAD
Key Features
u Line/speech circuit, LD/MF repertory dialler and
tone ringer on one 28 pin CMOS chip
u Operating range from 13 to 100 mA (down to 5 mA
with reduced performance)
u Soft clipping to avoid harsh distortion
u Volume control of receive signal
u Line loss compensation selectable by pin option
u Low noise (max. - 72 dBmp)
u Real or complex impedance
u NET 4 compatible
u LD/MF switchable dialling
u Pacifier tone during programming
u 31 digit last number redial
u Repertory memories (not AS2534), 4 direct/10
indirect (AS2533/6), 12 direct (AS2535)
u Repeat dialling by busy or engaged (not AS2535)
u Sliding cursor protocol with comparison
u Pause key for access pause or wait function
u 3 flash keys, 100 ms, 280 ms and 375/600 ms
u On chip MF filter (CEPT CS 203 compatible)
u Ring frequency discrimination
u 3-tone melody generator
Block Diagramme
General Description
The AS253x is a CMOS integrated circuit that contains
all the functions needed to form a high performance
electronic telephone.
The device incorporates LD/MF repertory dialling, melody
generation, ring frequency discrimination and a high
quality line/speech circuit.
A RAM is on chip for a 31 digit last number redial and
memories (not AS2534) each containing up to 21 digits/
data. The sliding cursor procedure makes the LNR
function easy to use under various PABX systems. Also
centrex keys (not AS2535) are provided.
The device incorporate a volume control for the earpiece.
The volume can be controlled by the VOL key (+ 5.4 dB)
or by the –/+ keys (+8.1 dB/-5.4 dB in 5 steps).
The versatility of the circuit is provided by pin options
and a few external components. This allows easy
adaptation to different PTT requirements.


Similar Part No. - AS2534EP

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
AS2534EP ARTSCHIP-AS2534EP Datasheet
861Kb / 25P
Multi-Standard CMOS Single Chip Telephone IC
More results

Similar Description - AS2534EP

ManufacturerPart #DatasheetDescription
logo
Sames
SA2532 SAMES-SA2532 Datasheet
583Kb / 22P
VERSATILE SINGLE CHIP TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
SINGLE CHIP CORDLESS TELEPHONE IC
logo
List of Unclassifed Man...
ICM7101D ETC-ICM7101D Datasheet
212Kb / 11P
LOW COST SINGLE CHIP TELEPHONE IC
logo
Integral Corp.
IL2533 INTEGRAL-IL2533 Datasheet
969Kb / 27P
MULTISTANDARD CMOS IC OF SINGLE CHIP PHONE WITH DOUBLE SOFT LIMITATION
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
Single-chip Cordless Telephone IC
logo
ams AG
AS2533 AMSCO-AS2533_1 Datasheet
508Kb / 25P
Multi-Standard CMOS Telephone IC for Basic Telephones
logo
IC MICROSYSTEMS
ICM7102B ICMIC-ICM7102B Datasheet
364Kb / 12P
LOW COST SINGLE CHIP TELEPHONE IC
ICM7115 ICMIC-ICM7115 Datasheet
344Kb / 12P
LOW COST SINGLE CHIP TELEPHONE IC WITH VOLUME CONTROL
logo
ams AG
AS2533 AMSCO-AS2533_11 Datasheet
1Mb / 26P
Multi-Standard CMOS Telephone IC for Basic Telephones
logo
ARTSCHIP ELECTRONICS CO...
AS2533 ARTSCHIP-AS2533 Datasheet
861Kb / 25P
Multi-Standard CMOS Single Chip Telephone IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com