Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2701A Datasheet(PDF) 13 Page - ams AG

Part # AS2701A
Description  AS-Interface Slave IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2701A Datasheet(HTML) 13 Page - ams AG

Back Button AS2701A Datasheet HTML 8Page - ams AG AS2701A Datasheet HTML 9Page - ams AG AS2701A Datasheet HTML 10Page - ams AG AS2701A Datasheet HTML 11Page - ams AG AS2701A Datasheet HTML 12Page - ams AG AS2701A Datasheet HTML 13Page - ams AG AS2701A Datasheet HTML 14Page - ams AG AS2701A Datasheet HTML 15Page - ams AG AS2701A Datasheet HTML 16Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AS-Interface Slave IC
AS2701A (ISA3+)
Rev. C, October 2000
Page 13 of 16
Application Example 1:
Sensor/actuator circuit supplied by the AS-Interface Slave IC (UOUT) for supply current needs
35 mA.
ASI-Slave-IC
E2PROM
1
G1
C1
C3
C5
C2
C4
ASI Line
ASI-N
V2
V1
1
ASI-P
C1 = 22...470 nF / max. AS-Interface BUS DC voltage
C2 = 10...220 nF / max VU5R = 5.5 V
C3 = 10...470 µF / max. (VUOUT + VUOUTp) = 29.1 V
C4 = 22...100 nF / max. (VUOUT + VUOUTp + 1.4 V) = 30.5 V
C5 = 10...100 nF (close to the IC) / max. (VUOUT + VUOUTp) = 29.1 V
V1 = 1N4002 or equivalent
V2 = TGL 41-39A or equivalent
G1 = AS-Interface Crystal 5.333 MHz
For V2 a limiter diode with a small capacitance value should be selected, to ensure that the
AS-Interface Bus can be operated with the maximum number of Slave units connected.
In a more general sense care should be taken that the pc board tracks and the external
components between the AS-Interface Bus and LTGP / LTGN contribute to the AS-Interface
Slave unit's input impedance inductively and highly resistively, rather than capacitively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com