Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2701A Datasheet(PDF) 14 Page - ams AG

Part # AS2701A
Description  AS-Interface Slave IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2701A Datasheet(HTML) 14 Page - ams AG

Back Button AS2701A Datasheet HTML 8Page - ams AG AS2701A Datasheet HTML 9Page - ams AG AS2701A Datasheet HTML 10Page - ams AG AS2701A Datasheet HTML 11Page - ams AG AS2701A Datasheet HTML 12Page - ams AG AS2701A Datasheet HTML 13Page - ams AG AS2701A Datasheet HTML 14Page - ams AG AS2701A Datasheet HTML 15Page - ams AG AS2701A Datasheet HTML 16Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AS-Interface Slave IC
AS2701A (ISA3+)
Rev. C, October 2000
Page 14 of 16
Application Example 2:
Sensor / actuator circuit supplied from the AS-Interface Bus for supply current needs > 35 mA.
It is recommended to protect the AS-Interface Bus by a fuse in this set-up, if there is a high risk
of excessive current extraction due to component failure (e.g.: MC1747 or other components in
the sensor / actuator circuitry).
LTGN
LTGP
CDC
DSTBn
PSTBn
OSC1
OSC2
P0
P1
P2
P3
SDA
SCL
TEST
U5R
UOUT
D0
D1
D2
D3
U1
10
11
12
5
16
14
15
17
18
19
20
9
8
7
6
13
4
3
2
1
VCC
VSS
MODE
SCL
SDA
E0
E1
E2
8
4
5
7
6
1
2
3
A
K
C
E
11
10
4
5
7
8
U+
-
+
U-
RF
100n
100n
100n
10µ
100n100n
12k
130k
2,2mH
2,2mH
2,2mH
2,2mH
130k
100n
100n
ASI-P
ASI-N
MC1747
ST24C01
AS-Interface Quartz 5.333 MHz
AS2701A works fine with the following crystal types:
Citizen CM 309
Philips SQ 4849
AS-Interface quartz crystals are available from:
Endrich GmbH
Geyer electronic
Contact: Axel Gensler
Contact: Jürgen Blank
Hauptstr. 56
Camerloherstr. 71
D-72202 Nagold
D-80689 München
Tel.: +49-7452-6007-31
Tel.: +49-89-546868-13
Fax: +49-7452-6007-70
Fax: +49-89-546868-90
Email: a.gensler@endrich.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com