Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3801 Datasheet(PDF) 2 Page - ams AG

Part # AS3801
Description  CDMA/FM TRANSMIT AGC AMPLIFIER AS3801
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3801 Datasheet(HTML) 2 Page - ams AG

  AS3801 Datasheet HTML 1Page - ams AG AS3801 Datasheet HTML 2Page - ams AG AS3801 Datasheet HTML 3Page - ams AG AS3801 Datasheet HTML 4Page - ams AG AS3801 Datasheet HTML 5Page - ams AG AS3801 Datasheet HTML 6Page - ams AG AS3801 Datasheet HTML 7Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Preliminary Data Sheet
AS3801
Rev. C
2/7
Nov. 98
Absolut Maximum Ratings (non operating)
Symbol
Parameter
min
max
Unit
Note
VDD
Positive Supply Voltage
-0.5
7
V
GND
Analog Ground
0
0
V
Vin
Voltage at every Input Pin
Gnd-0.5
VDD+0.5
V
Iin
Input Current
(into any pin except supply pins and
except low leakage pin)
-40
40
mA
Iin_15
Input Current into Low Leakage Pin
-25
25
mA
H
Humidity Noncondensing
1)
ESD
Electrostatic Discharge
1000
V
2)
Tstg
Storage Temperature
-55
125
deg C
Tlead
Lead Temperature
260
deg C
3)
Notes:
1) Defined DIN 40040 cond. F.
2) HBM: R=1.5kOhm, C=100pF.
Open collector outputs have less ESD protection because the protection diode to the positive supply
cannot be implemented (The output swing is higher than Vpos.+0.7V).
3) 260 deg C for 10 sec (Reflow and wave soldering), 360 deg C for 3 sec (Manual soldering).
The above figures conform to CMOS standard for low leakage application.
Recommended Operating Conditions
Symbol
Parameter
min
typ
max
Unit
Note
VDD
Positive Supply Voltage
3.6
V
1)
GND
Analog Ground
0
0
0
V
Idd
Supply Current
18
21
mA
2)
Tamb
Ambient Temperature Range,
Operating Range
-30
+80
deg C
Notes:
1) 3.6V
±5%.
2) Measured at pin VDD, see test schematic, no signal.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com