Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3801 Datasheet(PDF) 3 Page - ams AG

Part # AS3801
Description  CDMA/FM TRANSMIT AGC AMPLIFIER AS3801
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3801 Datasheet(HTML) 3 Page - ams AG

  AS3801 Datasheet HTML 1Page - ams AG AS3801 Datasheet HTML 2Page - ams AG AS3801 Datasheet HTML 3Page - ams AG AS3801 Datasheet HTML 4Page - ams AG AS3801 Datasheet HTML 5Page - ams AG AS3801 Datasheet HTML 6Page - ams AG AS3801 Datasheet HTML 7Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Preliminary Data Sheet
AS3801
Rev. C
3/7
Nov. 98
TX AGC Electrical Characteristics
Parameter
min
typ
max
Unit
Note
Frequency Range
100-300
MHz
f-3dB=300MHz
Maximum Gain
40
dB
VG=3V
Minimum Gain
-45
dB
VG=0.2V
Noise Figure
6.8
dB
max. Gain
Output IP3
15
dBm
max. Gain 1)
Gain Variation
(in +/-630 kHz bandwidth, centered
at 130MHz)
+/-0.05
dB
Gain Slope Linearity
(over any 6dB segment)
+/- 3
dB
-32 to +72 deg.C
Gain Control Voltage Range
0.2-3
V
0.2V min. Gain
3.0V max. Gain
ref. to GND
Gain Control Input Impedance
16
k
Ω
Current Consumption
18
20
mA
Input Resistance
1k diff.
Ω
Output Impedance
1k diff.
Ω
Open Collector
1k
Ω diff. outside
(500
Ω eff.)
Power Down Mode
2)
Notes:
Specifications refered to 130MHz.
1) Two tone measurement is used.
f1=131MHz; f2=132MHz; Input power is -51dBm.
2) High
≡Active, Low≡Power save, Input impedance ≥16kΩ.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com