Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

41594B Datasheet(PDF) 299 Page - Microchip Technology

Part # 41594B
Description  8-Bit Flash Microcontroller with nanoWatt XLP Technology
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

41594B Datasheet(HTML) 299 Page - Microchip Technology

Back Button 41594B Datasheet HTML 295Page - Microchip Technology 41594B Datasheet HTML 296Page - Microchip Technology 41594B Datasheet HTML 297Page - Microchip Technology 41594B Datasheet HTML 298Page - Microchip Technology 41594B Datasheet HTML 299Page - Microchip Technology 41594B Datasheet HTML 300Page - Microchip Technology 41594B Datasheet HTML 301Page - Microchip Technology 41594B Datasheet HTML 302Page - Microchip Technology 41594B Datasheet HTML 303Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 372 page
background image
 2011-2012 Microchip Technology Inc.
Preliminary
DS41594B-page 299
PIC12LF1840T48A
28.0 RF TRANSMITTER
The RF transmitter is a fully integrated transmitter,
capable of Frequency-Shift Keying (FSK) and On-Off
Keying (OOK) modulation of an input data stream. The
transmitter is capable of operating in Preset or
Advanced mode. The Preset mode configures the RF
transmitter in one or two fixed configurations.
28.1
Mode Selection
Two modes of operation are supported: Preset and
Advanced. Preset mode allows operation in one of two
preconfigured modes. Advanced mode allows full con-
figuration of all features of the transmitter. Mode selec-
tion is made by applying a logical ‘1’ or ‘0’ on the CTRL
pin during power-up, followed by a clock signal on the
DATA pin if Advanced mode is required.
FIGURE 28-1:
MODE SELECTION
28.1.1
PRESET MODE
In Preset mode, the transmitter is configured according
to Table 28-1. One of the two configuration modes can
be selected by changing the logical state of the CTRL
pin at power-up. The timing of a typical transmit opera-
tion in Preset mode is shown in Figure 28-2. A rising
edge on the DATA pin activates the transmitter. DATA
must be held high for the start-up time, TWAKE, while
the transmitter transitions out of Sleep mode. Signals
on the DATA pin, after the start-up time has elapsed,
are then transmitted.
The transition back to Sleep mode is managed auto-
matically. In 868 MHz FSK mode, the transmitter
returns to Sleep mode after 2 ms of inactivity on the
DATA line. In 434 MHz OOK mode, the transmitter
returns to Sleep after 20 ms of inactivity.
TABLE 28-1:
PRESET MODE
CONFIGURATIONS
FIGURE 28-2:
TRANSMITTER TIMING IN
PRESET MODE
Circuit Start-up
Wait t
START
Check
CTRL Pin
Preset
434 MHz OOK Tx
Preset
868 MHz FSK Tx
Advanced Mode
User-defined
Configuration
Clock Signal
Logic ‘1’
Logic ‘0’
CTRL
Configuration
1
OOK 433.92 MHz, 10 dBm
0
FSK 868.3 MHz, FDEV = 20 kHz, 10 dBm
Note 1: While the logic level of CTRL pin during
TSTART does not have any effect on the
device operation, the pin should not be
connected to VDD through an impedance
lower than 20 kΩ or higher than 1 MΩ.
t
WAKE
t
OFFT
Data
RF Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com