Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

41594B Datasheet(PDF) 301 Page - Microchip Technology

Part # 41594B
Description  8-Bit Flash Microcontroller with nanoWatt XLP Technology
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

41594B Datasheet(HTML) 301 Page - Microchip Technology

Back Button 41594B Datasheet HTML 297Page - Microchip Technology 41594B Datasheet HTML 298Page - Microchip Technology 41594B Datasheet HTML 299Page - Microchip Technology 41594B Datasheet HTML 300Page - Microchip Technology 41594B Datasheet HTML 301Page - Microchip Technology 41594B Datasheet HTML 302Page - Microchip Technology 41594B Datasheet HTML 303Page - Microchip Technology 41594B Datasheet HTML 304Page - Microchip Technology 41594B Datasheet HTML 305Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 372 page
background image
 2011-2012 Microchip Technology Inc.
Preliminary
DS41594B-page 301
PIC12LF1840T48A
FIGURE 28-5:
POWER-UP TIMING
When operating in Advanced mode, two possibilities
exist for operation of the transmitter, these are
dependent upon the state of the TX Mode bit (D12 of
the register description in Table 28-2).
When set to logical ‘0’, operation is identical to that of
the Preset mode. Transmit operation will be in accor-
dance with that of Figure 28-2 with the time TOFFT cor-
responding to that set in the Configuration register.
Note that prior to programming the default, logical ‘0’,
configuration is loaded. Note also that subsequent pro-
gramming iterations can only be performed once the
transmit cycle is finished – including the time required
for switching off the PA (TOFFT).
With TX Mode (D12) set, the transmitter is placed
directly in Transmit mode. It will remain in Transmit
mode until a second register write operation clears the
TX mode bit. Refer to Figure 28-6.
FIGURE 28-6:
MANUAL CONTROL OF TRANSMITTER
VDD
CTRL
State
tSTART
Don’t Care
Valid Logic Level
Sleep
Power-Up
3.7V
1.8V
Note 1: Once in Sleep mode, activity on the DATA
pin (without clocking of the CTRL line) will
trigger transmission according to the
current configuration settings. Care must
be
taken
to
avoid
inadvertent
transmissions.
tRAMP
tWAKE
TWI Config
TWI Config
TX OFF
TX ENABLE
D12 = 1
D12 = 0
DATA
CTRL
RF OUT
DATA TRANSMISSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com