Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

41594B Datasheet(PDF) 302 Page - Microchip Technology

Part # 41594B
Description  8-Bit Flash Microcontroller with nanoWatt XLP Technology
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

41594B Datasheet(HTML) 302 Page - Microchip Technology

Back Button 41594B Datasheet HTML 298Page - Microchip Technology 41594B Datasheet HTML 299Page - Microchip Technology 41594B Datasheet HTML 300Page - Microchip Technology 41594B Datasheet HTML 301Page - Microchip Technology 41594B Datasheet HTML 302Page - Microchip Technology 41594B Datasheet HTML 303Page - Microchip Technology 41594B Datasheet HTML 304Page - Microchip Technology 41594B Datasheet HTML 305Page - Microchip Technology 41594B Datasheet HTML 306Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 372 page
background image
PIC12LF1840T48A
DS41594B-page 302
Preliminary
 2011-2012 Microchip Technology Inc.
TABLE 28-2:
CONFIGURATION REGISTER
Bit
Name
Value
Setting
Default
Notes
CTRL = ‘0’
CTRL = ‘1’
D12
Tx Mode
0
Preset
00
When set to ‘1’, the transmitter
will continuously transmit
1
Forced Transmit
D(11:9) Frequency
000
418.00 MHz
100
010
RF operating center frequency
001
433.42 MHz
010
433.92 MHz
011
864.00 MHz
100
868.30 MHz
101
868.65 MHz
110
868.95 MHz
111
869.85 MHz
D8
Modulation
0
FSK
01
Modulation format
1
OOK
D(7:5)
Freq. Deviation
000
10 kHz
010
010
FSK frequency deviation (not
used in OOK mode)
001
12.5 kHz
010
20 kHz
011
25 kHz
100
40 kHz
101
50 kHz
110
80 kHz
111
100 kHz
D4
RF Power
0
0 dBm
11
Programmed RF output power
1
10 dBm
D3
TX Timer
0
2 ms
01
Transmit power-off timer, TOFFT
1
20 ms
D(2:0)
Fine Tuning
011
fc + 6 * PLL Step
000
000
Fine tuning from programmed
center frequency
010
fc + 4 * PLL Step
001
fc + 2 * PLL Step
000
fc + 0 * PLL Step
111
fc - 2 * PLL Step
110
fc - 4 * PLL Step
101
fc - 6 * PLL Step
100
fc - 8 * PLL Step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com