Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

41594B Datasheet(PDF) 325 Page - Microchip Technology

Part # 41594B
Description  8-Bit Flash Microcontroller with nanoWatt XLP Technology
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

41594B Datasheet(HTML) 325 Page - Microchip Technology

Back Button 41594B Datasheet HTML 321Page - Microchip Technology 41594B Datasheet HTML 322Page - Microchip Technology 41594B Datasheet HTML 323Page - Microchip Technology 41594B Datasheet HTML 324Page - Microchip Technology 41594B Datasheet HTML 325Page - Microchip Technology 41594B Datasheet HTML 326Page - Microchip Technology 41594B Datasheet HTML 327Page - Microchip Technology 41594B Datasheet HTML 328Page - Microchip Technology 41594B Datasheet HTML 329Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 372 page
background image
 2011-2012 Microchip Technology Inc.
Preliminary
DS41594B-page 325
PIC12LF1840T48A
31.2
DC Characteristics: PIC12LF1840T48A-I (Industrial)
PIC12LF1840T48A
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
Param
No.
Device
Characteristics
Min.
Typ†
Max.
Units
Conditions
VDD
Note
Supply Current (IDD)(1, 2)
D010
—
5.0
12
A1.8
FOSC = 32 kHz, -40°C to +85°C
LP Oscillator mode
—6.8
14
A3.0
D011
—
60
115
A1.8
FOSC = 1 MHz
XT Oscillator mode
—111
200
A3.0
D012
—
135
280
A1.8
FOSC = 4 MHz
XT Oscillator mode
—
239
460
A3.0
D013
—
34
170
A1.8
FOSC = 1 MHz
EC Oscillator mode, Medium-power mode
—69
250
A3.0
D014
—
118
250
A1.8
FOSC = 4 MHz
EC Oscillator mode,
Medium-power mode
—
222
420
A3.0
Supply Current (IDD)(1, 2)
D015
—
2.5
20
A1.8
FOSC = 31 kHz
LFINTOSC mode
—4.0
22
A3.0
D016
—
103
190
A1.8
FOSC = 500 kHz
MFINTOSC mode
—
124
220
A3.0
D017*
—
.44
0.8
mA
1.8
FOSC = 8 MHz
HFINTOSC mode
—.67
1.25
mA
3.0
D018
—
0.6
1.2
mA
1.8
FOSC = 16 MHz
HFINTOSC mode
—0.95
1.8
mA
3.0
D019
—
1.9
3.0
mA
3.0
FOSC = 32 MHz
HFINTOSC mode (Note 3)
—2.3
3.3
mA
3.6
Supply Current (IDD)(1, 2)
D020
—
2.0
2.5
mA
3.0
FOSC = 32 MHz
HS Oscillator mode (Note 4)
—2.5
3.0
mA
3.6
D021
—
124
300
A1.8
FOSC = 4 MHz
EXTRC mode (Note 5)
—
212
400
A3.0
Note 1:
The test conditions for all IDD measurements in active operation mode are: OSC1 = external square wave, from
rail-to-rail; all I/O pins tri-stated, pulled to VDD; MCLR = VDD; WDT disabled.
2:
The supply current is mainly a function of the operating voltage and frequency. Other factors, such as I/O pin loading
and switching rate, oscillator type, internal code execution pattern and temperature, also have an impact on the current
consumption.
3:
8 MHz internal RC oscillator with 4xPLL enabled.
4:
8 MHz crystal oscillator with 4xPLL enabled.
5:
For RC oscillator configurations, current through REXT is not included. The current through the resistor can be extended
by the formula IR = VDD/2REXT (mA) with REXT in k




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com