Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

41594B Datasheet(PDF) 326 Page - Microchip Technology

Part # 41594B
Description  8-Bit Flash Microcontroller with nanoWatt XLP Technology
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

41594B Datasheet(HTML) 326 Page - Microchip Technology

Back Button 41594B Datasheet HTML 322Page - Microchip Technology 41594B Datasheet HTML 323Page - Microchip Technology 41594B Datasheet HTML 324Page - Microchip Technology 41594B Datasheet HTML 325Page - Microchip Technology 41594B Datasheet HTML 326Page - Microchip Technology 41594B Datasheet HTML 327Page - Microchip Technology 41594B Datasheet HTML 328Page - Microchip Technology 41594B Datasheet HTML 329Page - Microchip Technology 41594B Datasheet HTML 330Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 372 page
background image
PIC12LF1840T48A
DS41594B-page 326
Preliminary
 2011-2012 Microchip Technology Inc.
31.3
DC Characteristics: PIC12LF1840T48A-I (Power-Down)
PIC12LF1840T48A
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
Param
No.
Device Characteristics
Min.
Typ†
Max.
+85°C
Units
Conditions
VDD
Note
Power-down Base Current (IPD)(2)
D022
—
0.02
1.0
A
1.8
WDT, BOR, FVR, and T1OSC dis-
abled, all Peripherals Inactive
—0.03
1.1
A3.0
D023
—
0.3
1.5
A
1.8
LPWDT Current (Note 1)
—0.5
2.0
A3.0
D023A
—
3.3
25
A
1.8
FVR current (Note 1)
—3.4
27
A3.0
D024
—
6.9
15
A
3.0
BOR Current (Note 1)
D025
—
.74
4.0
A
1.8
T1OSC Current (Note 1)
—
.86
4.5
A3.0
D026
—
0.1
1.5
A
1.8
A/D Current (Note 1, Note 3), no con-
version in progress
—0.1
2.0
A3.0
Power-down Base Current (IPD)(2)
D026A*
—
250
—
A
1.8
A/D Current (Note 1, Note 3), conver-
sion in progress
—
250
—
A3.0
D027
—
2.6
7.0
A
1.8
Cap Sense Low-Power
Oscillator mode (Note 1)
—3.9
9.0
A3.0
D027A
—
5.6
9
A
1.8
Cap Sense Medium-Power
Oscillator mode (Note 1)
—8.0
12
A3.0
D027B
—
15
25
A
1.8
Cap Sense High-Power
Oscillator mode (Note 1)
—39
45
A3.0
D028
—
4.8
15
A
1.8
Comparator Current, Low-Power
mode, one comparator enabled
(Note 1)
—4.9
17
A3.0
D028A
—
27
50
A
1.8
Comparator Current, High-Power
mode, one comparator enabled
(Note 1)
—28
55
A3.0
Note 1:
The peripheral current is the sum of the base IDD or IPD and the additional current consumed when this peripheral is
enabled. The peripheral
 current can be determined by subtracting the base IDD or IPD current from this limit. Max
values should be used when calculating total current consumption.
2:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is measured with
the part in Sleep mode, with all I/O pins in high-impedance state and tied to VDD.
3:
A/D oscillator source is FRC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com