Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

41594B Datasheet(PDF) 330 Page - Microchip Technology

Part # 41594B
Description  8-Bit Flash Microcontroller with nanoWatt XLP Technology
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

41594B Datasheet(HTML) 330 Page - Microchip Technology

Back Button 41594B Datasheet HTML 326Page - Microchip Technology 41594B Datasheet HTML 327Page - Microchip Technology 41594B Datasheet HTML 328Page - Microchip Technology 41594B Datasheet HTML 329Page - Microchip Technology 41594B Datasheet HTML 330Page - Microchip Technology 41594B Datasheet HTML 331Page - Microchip Technology 41594B Datasheet HTML 332Page - Microchip Technology 41594B Datasheet HTML 333Page - Microchip Technology 41594B Datasheet HTML 334Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 372 page
background image
PIC12LF1840T48A
DS41594B-page 330
Preliminary
 2011-2012 Microchip Technology Inc.
Timing Specifications
tWAKE
Time from Sleep to TX mode
——
—
2ms
tOFFT
Timer from TX data activity to
Sleep
Programmable
—
2
—
ms
——
20
—
ms
tRAMP
PA Ramp up and down time
——
20
—
µs
tSTART
Time before CTRL Pin mode
selection
Time from power on to
sampling of CTRL
—
200 µs +
TS_OSC
—
ms
Serial Interface Timing Specifications
fctrl
CTRL Clock Frequency
——
—
10
MHz
fch
CTRL Clock High time
—
45
——
ns
fcl
CTRL Clock Low time
—
45
——
ns
trise
CTRL Clock Rise time
——
—
5ns
tfall
CTRL Clock Fall time
——
—
5ns
tsetup
DATA Setup time
From DATA transition
to CTRL rising edge
45
——
ns
thold
DATA Hold time
From CTRL rising edge
to DATA transition
45
——
ns
31.7
RF Transmitter Electrical Specifications (Continued)
Symbol
Description
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com