Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

41594B Datasheet(PDF) 329 Page - Microchip Technology

Part # 41594B
Description  8-Bit Flash Microcontroller with nanoWatt XLP Technology
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

41594B Datasheet(HTML) 329 Page - Microchip Technology

Back Button 41594B Datasheet HTML 325Page - Microchip Technology 41594B Datasheet HTML 326Page - Microchip Technology 41594B Datasheet HTML 327Page - Microchip Technology 41594B Datasheet HTML 328Page - Microchip Technology 41594B Datasheet HTML 329Page - Microchip Technology 41594B Datasheet HTML 330Page - Microchip Technology 41594B Datasheet HTML 331Page - Microchip Technology 41594B Datasheet HTML 332Page - Microchip Technology 41594B Datasheet HTML 333Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 372 page
background image
 2011-2012 Microchip Technology Inc.
Preliminary
DS41594B-page 329
PIC12LF1840T48A
31.6
Thermal Considerations
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
 TA  +125°C
Param
No.
Sym.
Characteristic
Typ.
Units
Conditions
TH01
JA
Thermal Resistance Junction to Ambient
TBD
C/W
14-pin TSSOP 4x4mm package
TH02
JC
Thermal Resistance Junction to Case
TBD
C/W
14-pin TSSOP 4x4mm package
TH03
TJMAX
Maximum Junction Temperature
150
C
TH04
PD
Power Dissipation
—
W
PD = PINTERNAL + PI/O
TH05
PINTERNAL Internal Power Dissipation
—
W
PINTERNAL = IDD x VDD(1)
TH06
PI/O
I/O Power Dissipation
—
W
PI/O =
 (IOL * VOL) +  (IOH * (VDD - VOH))
TH07
PDER
Derated Power
—
W
PDER = PDMAX (TJ - TA)/
JA(2)
Legend:
TBD = To Be Determined
Note 1: IDD is current to run the chip alone without driving any load on the output pins.
2: TA = Ambient Temperature.
3: TJ = Junction Temperature.
31.7
RF Transmitter Electrical Specifications
Symbol
Description
Conditions
Min
Typ
Max
Unit
Current Consumption
IDDSL
Supply current in Sleep
mode
—
—
0.5
1
µs
IDDT
Supply current in Transmit
mode with appropriate exter-
nal matching
RF Power o/p = +10
dBm
—
16.5
—
mA
RF Power o/p = 0 dBm
—
9
—
mA
RF and Baseband Specifications
FDA_D
Frequency deviation, FSK
Number of programma-
ble values
—
8
——
FDA
Frequency deviation, FSK*
—
10
—
100
kHz
BRF
Bit rate, FSK
Permissible Range
0.5
—
100
kbps
BRO
Bit rate, OOK
Permissible Range
0.5
—
10
kbps
OOK_B
OOK Modulation Depth
——
50
—
dB
RFOP
RF output power in 50 ohms
High Power Setting
7
10
—
dBm
Low Power Setting**
-3
0
—
dBm
DRFOPV
Variation in RF output power
with supply voltage
2.5V to 3.3V
——
3dB
1.8V to 3.7V
——
7dB
PHN
Transmitter phase noise at
868.3 MHz
Offset from center fre-
quency: 100 kHz
——
-76
dBc/Hz
350 kHz
——
-81
dBc/Hz
550 kHz
——
-91
dBc/Hz
1.15 MHz
——
-101
dBc/Hz
FR
Number of selectable fre-
quencies
——
8
——
FXOSC
Crystal Oscillator Frequency
—
26
26
26
MHz
STEP
RF Frequency Step
868 MHz
—
3.174
—
kHz
434 MHz
—
1.587
—
kHz
DFXOSC
Frequency variation of the
Oscillator Circuit
No crystal contribution
——
+/-25
ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com