Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD10242/PCB Datasheet(PDF) 11 Page - Analog Devices

Part # AD10242/PCB
Description  Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD10242/PCB Datasheet(HTML) 11 Page - Analog Devices

Back Button AD10242/PCB Datasheet HTML 7Page - Analog Devices AD10242/PCB Datasheet HTML 8Page - Analog Devices AD10242/PCB Datasheet HTML 9Page - Analog Devices AD10242/PCB Datasheet HTML 10Page - Analog Devices AD10242/PCB Datasheet HTML 11Page - Analog Devices AD10242/PCB Datasheet HTML 12Page - Analog Devices AD10242/PCB Datasheet HTML 13Page - Analog Devices AD10242/PCB Datasheet HTML 14Page - Analog Devices AD10242/PCB Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD10242
–11–
REV. A
If a logic threshold other than the nominal 1.6 V is required,
the following equations show how to use an external resistor,
RX, to raise or lower the trip point (see Figure 4, R1 = 17 k
Ω,
R2 = 8 k
Ω).
V1 =
5R2RX
R1R2
+ R1R
X + R2RX
to lower logic threshold.
0.01µF
ENCODE
SOURCE
ENCODE
ENCODE
AD10242
RX
Vl
+5V
R1
R2
Figure 21. Lower Threshold for Encode
V1 =
5R2
R2
+
R1RX
R1
+ R
X
to raise logic threshold.
0.01µF
ENCODE
SOURCE
ENCODE
ENCODE
AD10242
RX
Vl
+5V
R1
R2
AVCC
Figure 22. Raise Logic Threshold for Encode
While the single ended encode will work well for many applica-
tions, driving the encode differentially will provide increased
performance. Depending on circuit layout and system noise, a
1 dB to 3 dB improvement in SNR can be realized. It is recom-
mended that the encode signal be ac-coupled into the ENCODE
and
ENCODE pins.
The simplest option is shown below. The low jitter TTL signal
is coupled with a limiting resistor, typically 100
Ω, to the pri-
mary side of an RF transformer (these transformers are inexpen-
sive and readily available; Part No. in figure is from Mini-
Circuits). The secondary side is connected to the ENCODE
and
ENCODE pins of the converter. Since both encode inputs
are self-biased, no additional components are required.
TTL
ENCODE
ENCODE
AD10242
100
Ω
T1-1T
Figure 23. TTL Source—Differential Encode
If no TTL source is available, a clean sine wave may be substi-
tuted. In the case of the sine source, the matching network is
shown below. Since the matching transformer specified is a 1:1
impedance ratio, R, the load resistor should be selected to
match the source impedance. The input impedance of the
AD9042 is negligible in most cases.
ENCODE
ENCODE
AD10242
R
T1-1T
SINE
SOURCE
Figure 24. Sine Source—Differential Encode
If a low jitter ECL clock is available, another option is to ac-
couple a differential ECL signal to the encode input pins as
shown below. The capacitors shown here should be chip capaci-
tors but do not need to be of the low inductance variety.
ENCODE
ENCODE
AD10242
ECL
GATE
0.1µF
0.1µF
–VS
510
Ω
510
Ω
Figure 25. Differential ECL for Encode
As a final alternative, the ECL gate may be replaced by an ECL
comparator. The input to the comparator could then be a logic
signal or a sine signal.
ENCODE
ENCODE
AD10242
0.1µF
0.1µF
–VS
50
Ω
AD96687 (1/2)
510
Ω
510
Ω
Figure 26. ECL Comparator for Encode
Care should be taken not to overdrive the encode input pin
when ac coupled. Although the input circuitry is electrically pro-
tected from over or under voltage conditions, improper circuit
operations may result from overdriving the encode input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com