Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD10242/PCB Datasheet(PDF) 3 Page - Analog Devices

Part # AD10242/PCB
Description  Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD10242/PCB Datasheet(HTML) 3 Page - Analog Devices

  AD10242/PCB Datasheet HTML 1Page - Analog Devices AD10242/PCB Datasheet HTML 2Page - Analog Devices AD10242/PCB Datasheet HTML 3Page - Analog Devices AD10242/PCB Datasheet HTML 4Page - Analog Devices AD10242/PCB Datasheet HTML 5Page - Analog Devices AD10242/PCB Datasheet HTML 6Page - Analog Devices AD10242/PCB Datasheet HTML 7Page - Analog Devices AD10242/PCB Datasheet HTML 8Page - Analog Devices AD10242/PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Test
Mil
AD10242BZ/TZ
Parameter
Temp
Level
Subgroup
Min
Typ
Max
Units
SPURIOUS-FREE DYNAMIC RANGE
9
Analog Input @ 1.2 MHz
+25
°C
I
81
dBFS
@ 4.85 MHz
+25
°C
I
4
70
80
dBFS
Full
II
5, 6
70
79
dBFS
@ 9.9 MHz
+25
°C
I
4
63
70
dBFS
Full
II
5, 6
63
69
dBFS
@ 19.5 MHz
+25
°C
I
4
60
67
dBFS
Full
II
5, 6
60
66
dBFS
TWO-TONE IMD REJECTION
10
F1, F2 @ –7 dBFS
Full
II
4, 5, 6
70
76
dBc
CHANNEL-TO-CHANNEL ISOLATION
11
+25
°CIV
12
75
80
dB
TRANSIENT RESPONSE
+25
°CV
10
ns
LINEARITY
Differential Nonlinearity
+25
°C
IV
12
0.3
1.0
LSB
(Encode = 20 MHz)
Full
IV
12
0.5
1.25
LSB
Integral Nonlinearity
+25
°C
V
0.3
LSB
(Encode = 20 MHz)
Full
V
0.5
LSB
OVERVOLTAGE RECOVERY TIME
12
VIN = 2.0 × FS
Full
IV
12
50
100
ns
VIN = 4.0 × FS
Full
IV
12
75
200
ns
DIGITAL OUTPUTS
Logic Compatibility
CMOS
Logic “1” Voltage
13
Full
I
1, 2, 3
3.5
4.2
V
Logic “0” Voltage
14
Full
I
1, 2, 3
0.45
0.65
V
Output Coding
Twos Complement
POWER SUPPLY
AVCC Supply Voltage
Full
VI
+5.0
V
I (AVCC) Current
Full
V
260
mA
AVEE Supply Voltage
Full
VI
–5.0
V
I (AVEE) Current
Full
V
55
mA
DVCC Supply Voltage
Full
VI
+5.0
V
I (DVCC) Current
Full
V
25
mA
ICC (Total) Supply Current
Full
I
1, 2, 3
350
400
mA
Power Dissipation (Total)
Full
I
1, 2, 3
1.75
2.0
W
Power Supply Rejection Ratio (PSRR)
Full
I
7, 8
0.01
0.02
% FSR/% VS
Pass Band Ripple to 10 MHz
Full
IV
12
0.2
dB
NOTES
1 Gain tests are performed on A
IN3 over specified input voltage range.
2 Input capacitance specifications combines AD9631 die capacitance + ceramic package capacitance.
3 Full power bandwidth is the frequency at which the spectral power of the fundamental frequency (as determined by FFT analysis) is reduced by 3 dB.
4 ENCODE (Pin 4) driven by single-ended source; ENCODE (Pin 5) bypassed to ground through 0.01
µF capacitor.
5 ENCODE (Pin 4) may also be driven differentially in conjunction with ENCODE (Pin 5); see “Encoding the AD10242” for details.
6 Minimum and maximum conversion rates allow for variation in Encode Duty Cycle of 50%
± 5%.
7 Analog Input signal power at –1 dBFS; signal-to-noise ratio (SNR) is the ratio of signal level to total noise (first 5 harmonics removed). Encode = 40.0 MSPS.
8 Analog Input signal power at –1 dBFS; signal-to-noise and distortion (SINAD) is the ratio of signal level to total noise + harmonics. Encode = 40.0 MSPS.
9 Analog Input signal equal –1 dBFS; SFDR is ratio of converter full scale to worst spur.
10 Both input tones at –7 dBFS; two tone intermodulation distortion (IMD) rejection is the rati o of either tone to the worst 3rd order intermod product. f1 = 10.0 MHz
± 100 kHz, 50 kHz ≤ f1 – f2 ≤ 300 kHz.
11 Channel-to-channel isolation tested with A channel grounded and a full-scale signal applied to B channel (AIN1).
12 Input driven to 2
× and 4× A
IN1 range for >4 clock cycles. Output recovers inband in specified time with Encode = 40 MSPS. No foldover guaranteed.
13 Outputs are sourcing 10
µA.
14 Outputs are sinking 10
µA.
All specifications guaranteed within 100 ms of initial power up regardless of sequencing.
Specifications subject to change without notice.
AD10242
–3–
REV. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com