Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD13465AF Datasheet(PDF) 12 Page - Analog Devices

Part # AD13465AF
Description  Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD13465AF Datasheet(HTML) 12 Page - Analog Devices

Back Button AD13465AF Datasheet HTML 8Page - Analog Devices AD13465AF Datasheet HTML 9Page - Analog Devices AD13465AF Datasheet HTML 10Page - Analog Devices AD13465AF Datasheet HTML 11Page - Analog Devices AD13465AF Datasheet HTML 12Page - Analog Devices AD13465AF Datasheet HTML 13Page - Analog Devices AD13465AF Datasheet HTML 14Page - Analog Devices AD13465AF Datasheet HTML 15Page - Analog Devices AD13465AF Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
REV. 0
AD13465
–12–
Bill of Materials List for Evaluation Board
Qty
Component Name
Ref/Des
Value
Description
Manufacturing Part No.
2
74CLX16373MTD
U7, U8
Latch
74LCX1673MTD (Fairchild)
1
AD13465AZ
U1
AD13465AZ
AD13465AZ
2
ADP3330
U5, U6
Regulator
ADP3330ART-3.3RL7
10
BJACK
BJ1-BJ10
Banana Jacks
108-0740-001 (Johnson Components)
2
BRES0805
R41, R53
25
Ω
0805 SM Resistor
EFJ-6GEYJ240V
4
BRES0805
R38, R39, R55, R56
33 k
Ω
0805 SM Resistor
EFJ-6GEYJ333V
6
RES2
R1, R2, R5, R7, R8
50
Ω
0805 SM Resistor
EFJ-6GEYJ333V
R54
36
RES2
R3, R4, R6, R9
100
Ω
0805 SM Resistor
EFJ-6GEYJ333V
R12–R15, R19–R28,
R31–R36, R37,
R42–R46, R51, R52
28
CAP2
C1, C2, C5–C10,
0.1
µF
0805 SM Resistor
GRM 40X7R104K025BL
C12, C16–C18
C20–C26, C28
C30–C38
2
CAP2
C13, C27
0.47
µF
0805 SM Resistor
VJ1206U474MFXMB
2
H40DM
J1, J2
2
× 20 40-Pin Male Connector TSW-120-08-G-D
6
IND2
L1–L6
47
Ω
SM Inductor
2743019447
4
MC10EL16
U2, U3, U9, U11
Clock Drivers
MC1016EP16D
2
MC100ELT23
U4, U10
ECL/TTL Clock Drivers
SY100ELT23L
8
POLCAP2
C3, C4, C11, C14,
10
µF
Tantalum Polar Caps
T491C106M016A57280
C15, C19, C29, C30
4
RES2
R47–R50
0
Ω
0805 SM Resistor
ERJ-6GEY OR 00V
12
SMA
J3–J14
SMA Connectors
142-0701-201
4
Stand-Off
Stand-Off
313-2477-016 (Johnson Components)
4
Screws
Screws (Stand-Off)
MPMS 004 0005 PH (Building Fasteners)
1
PCB
AD13465 Eval Board (Rev B)
GS03361



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com