Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD13465AF Datasheet(PDF) 13 Page - Analog Devices

Part # AD13465AF
Description  Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD13465AF Datasheet(HTML) 13 Page - Analog Devices

Back Button AD13465AF Datasheet HTML 9Page - Analog Devices AD13465AF Datasheet HTML 10Page - Analog Devices AD13465AF Datasheet HTML 11Page - Analog Devices AD13465AF Datasheet HTML 12Page - Analog Devices AD13465AF Datasheet HTML 13Page - Analog Devices AD13465AF Datasheet HTML 14Page - Analog Devices AD13465AF Datasheet HTML 15Page - Analog Devices AD13465AF Datasheet HTML 16Page - Analog Devices AD13465AF Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
REV. 0
AD13465
–13–
AGNDA
10
AGNDA
11
12
–5VAA
13
+5VAA
14
D2A
15
D3A
16
D4A
17
D5A
18
D6A
19
D7A
20
21
22
23
24
25
DGNDA
26
AGNDB
60
59
58
AGNDB
57
56
55
54
53
ENCBB
52
ENCB
51
+3.3VDB
50
D13B(MSB)
49
D9B
48
D8B
47
D7B
46
D6B
45
DGNDB
44
U1
AD13465
D3A
D4A
D5A
D6A
D7A
D2A
DGNDA
AGNDA
AGNDA
ENCAB
D0A(LSB)
D1A
ENCA
AGNDA
+3VDA
D0A
D1A
AGNDA
ENCA
ENCA
–5VAA
C9
0.1 F
C10
0.1 F
C36
0.1 F
OUT 3.3VDA
C34
0.1 F
+5VAA
AGNDA
AGNDA
C35
0.1 F
AGNDA
–5.2VAB
+5VAB
DGNDA
AGNDB
D10B
D11B
D12B
DRBOUT
DRAOUT
E56
E55
LIDB
E65
E48
E40
DGNDA
DGNDB
E69
E70
E49
AGNDA
E51
E50
J4
SMA
AGNDA
J3
SMA
AGNDA
J9
SMA
AGNDA
J13
SMA
AGNDA
E68
E66
AGNDB
E54
E53
J7
SMA
AGNDB
E86
E85
E52
AGNDB
AGNDB
J14
SMA
AGNDB
J8
SMA
AGNDB
J6
SMA
DGNDB
–5VAB
C33
0.1 F
C18
0.1 F
C37
0.1 F
OUT 3.3VDB
C17
0.1 F
+5VAB
AGNDB
AGNDB
C38
0.1 F
AGNDB
AGNDB
ENCB
ENCB
D13B
D9B
D8B
D7B
D6B
DGNDB
AGNDB
D10B
D11B
D12B
E67
LIDA
L1
C29
10 F
+3VDA
U7
C62
0.1 F
47
20%
@100MHz
DGNDA
DUT 3.3VDA
BJ10
1
L2
C30
10 F
+3VDB
U8
C16
0.1 F
47
20%
@100MHz
DGNDB
DUT 3.3VDB
BJ9
1
L3
C3
10 F
+3VAA
U1
C20
0.1 F
47
20% @100MHz
AGNDA
+5VAA
BJ6
1
AGNDA
L4
C4
10 F
+5VAB
U1
C21
0.1 F
47
20%@100MHz
AGNDB
+5VAB
BJ5
1
AGNDB
L5
C11
10 F
–5VAA
U1
C32
0.1 F
47
20%@100MHz
AGNDA
–5VAA
BJ2
1
AGNDA
L6
C19
10 F
–5VAB
U1
C31
0.1 F
47
20%@100MHz
AGNDB
–5VAB
BJ1
1
AGNDB
Figure 10a. Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com