Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ10023 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MJ10023
Description  40 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 AND 400 VOLTS 250 WATTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJ10023 Datasheet(HTML) 2 Page - Motorola, Inc

  MJ10023 Datasheet HTML 1Page - Motorola, Inc MJ10023 Datasheet HTML 2Page - Motorola, Inc MJ10023 Datasheet HTML 3Page - Motorola, Inc MJ10023 Datasheet HTML 4Page - Motorola, Inc MJ10023 Datasheet HTML 5Page - Motorola, Inc MJ10023 Datasheet HTML 6Page - Motorola, Inc MJ10023 Datasheet HTML 7Page - Motorola, Inc MJ10023 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MJ10022 MJ10023
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage (Table 1)
MJ10022
(IC = 100 mA, IB = 0)
MJ10023
VCEO(sus)
350
400
—
—
—
—
Vdc
Collector Cutoff Current
(VCEV = Rated Value, VBE(off) = 1.5 Vdc)
(VCEV = Rated Value, VBE(off) = 1.5 Vdc, TC = 150_C)
ICEV
—
—
—
—
0.25
5.0
mAdc
Collector Cutoff Current
(VCE = Rated VCEV, RBE = 50 Ω, TC = 100_C)
ICER
—
—
5.0
mAdc
Emitter Cutoff Current
(VEB = 2.0 V, IC = O)
IEBO
—
—
175
mAdc
SECOND BREAKDOWN
Second Breakdown Collector Current with Base Forward Biased
IS/b
See Figure 13
Clamped Inductive SOA with Base Reverse Biased
RBSOA
See Figure 14
ON CHARACTERISTICS (1)
DC Current Gain
(IC = 10 Adc, VCE = 5.0 V)
hFE
50
—
600
—
Collector–Emitter Saturation Voltage
(IC = 20 Adc, IB = 1.0 Adc)
(IC = 40 Adc, IB = 5.0 Adc)
(IC = 20 Adc, IB = 10 Adc, TC = 100_C)
VCE(sat)
—
—
—
—
—
—
2.2
5.0
2.5
Vdc
Base–Emitter Saturation Voltage
(IC = 20 Adc, IB = 1.2 Adc)
(IC = 20 Adc, IB = 1.2 Adc, TC = 100_C)
VBE(sat)
—
—
—
—
2.5
2.5
Vdc
Diode Forward Voltage
(IF = 20 Adc)
Vf
—
2.5
5.0
Vdc
DYNAMIC CHARACTERISTICS
Output Capacitance
(VCB = 10 Vdc, IE = 0, ftest = 1.0 kHz)
Cob
150
—
600
pF
SWITCHING CHARACTERISTICS
Resistive Load (Table 1)
Delay Time
(VCC = 250 Vdc, IC = 20 A, IB1 = 1.0 Adc,
VBE(off) = 5.0 V, tp = 50 µs,
Duty Cycle
v 2.0%)
td
—
0.03
0.2
µs
Rise Time
(VCC = 250 Vdc, IC = 20 A, IB1 = 1.0 Adc,
VBE(off) = 5.0 V, tp = 50 µs,
Duty Cycle
v 2.0%)
tr
—
0.4
1.2
µs
Storage Time
VBE(off) = 5.0 V, tp = 50 µs,
Duty Cycle
v 2.0%)
ts
—
0.9
2.5
µs
Fall Time
v 2.0%)
tf
—
0.3
0.9
µs
Inductive Load, Clamped (Table 1)
Storage Time
(ICM = 20 A, VCEM = 250 V, IB1 = 1.0 A,
VBE(off) = 5 V, TC = 100_C)
tsv
—
1.9
4.4
µs
Crossover Time
(ICM = 20 A, VCEM = 250 V, IB1 = 1.0 A,
VBE(off) = 5 V, TC = 100_C)
tc
—
0.6
2.0
µs
Fall Time
VBE(off) = 5 V, TC = 100_C)
tfi
—
0.3
—
µs
Storage Time
(ICM = 20 A, VCEM = 250 V, IB1 = 1.0 A,
VBE(off) = 5 V, TC = 25_C)
tsv
—
1.0
—
µs
Crossover Time
(ICM = 20 A, VCEM = 250 V, IB1 = 1.0 A,
VBE(off) = 5 V, TC = 25_C)
tc
—
0.3
—
µs
Fall Time
VBE(off) = 5 V, TC = 25_C)
tfi
—
0.15
—
µs
(1) Pulse Test: PW = 300
µs, Duty Cycle v 2%.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com