Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ10023 Datasheet (PDF) - Motorola, Inc

MJ10023 Datasheet PDF - Motorola, Inc
Part # MJ10023
Download  MJ10023 Download
File Size   300.65 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 40 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 AND 400 VOLTS 250 WATTS

MJ10023 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJ10023 Datasheet PDF - Motorola, Inc

Part # MJ10023
Download  MJ10023 Click to download

File Size   300.65 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 40 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 AND 400 VOLTS 250 WATTS

MJ10023 Datasheet (HTML) - Motorola, Inc


MJ10023 Product details

SWITCHMODE Series
NPN Silicon Power Darlington Transistor with Base-Emitter Speedup Diode

The MJ10023 and MJ10023 Darlington transistor is designed for high–voltage, high–speed, power switching in inductive circuits where fall time is critical. It is particularly suited for line–operated switchmode applications such as:

• AC and DC Motor Controls
• Switching Regulators
• Inverters
• Solenoid and Relay Drivers
• Fast Turn–Off Times
   150 ns Inductive Fall Time @ 25°C (Typ)
   300 ns Inductive Storage Time @ 25°C (Typ)
• Operating Temperature Range – 65 to + 200°C
• 100°C Performance Specified for:
   Reversed Biased SOA with Inductive Loads
   Switching Times with Inductive Loads
   Saturation Voltages
   Leakage Current




Similar Part No. - MJ10023

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ10023 MOSPEC-MJ10023 Datasheet
202Kb / 4P
POWER TRANSISTORS(40A,350-400V,250W)
logo
ON Semiconductor
MJ10023 ONSEMI-MJ10023 Datasheet
216Kb / 8P
NPN SILICON POWER DARLINGTON TRANSISTOR
1998
logo
Wing Shing Computer Com...
MJ10023 WINGS-MJ10023 Datasheet
189Kb / 1P
Silicon NPN Power Darlington Transistor
logo
Central Semiconductor C...
MJ10023 CENTRAL-MJ10023 Datasheet
54Kb / 1P
Power Transistors
logo
New Jersey Semi-Conduct...
MJ10023 NJSEMI-MJ10023 Datasheet
102Kb / 2P
NPN Silicon Power Darlington Transistors with Base-Emitter Speedup Diode
More results


Similar Description - MJ10023

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ10000 MOTOROLA-MJ10000 Datasheet
212Kb / 8P
20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 VOLTS 175 WATTS
MJ10005 MOTOROLA-MJ10005 Datasheet
229Kb / 8P
20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 175 WATTS
MJ10007 MOTOROLA-MJ10007 Datasheet
228Kb / 8P
10 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 150 WATTS
MJ10012 MOTOROLA-MJ10012 Datasheet
191Kb / 6P
10 AMPERE POWER TRANSISTORS DARLINGTON NPN SILICON 400 VOLTS 175 AND 118 WATTS
MJ10015 MOTOROLA-MJ10015 Datasheet
217Kb / 6P
50 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 AND 500 VOLTS 250 WATTS
MJ10020 MOTOROLA-MJ10020 Datasheet
293Kb / 8P
60 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 200 AND 250 VOLTS 250 WATTS
MJD47 MOTOROLA-MJD47 Datasheet
184Kb / 6P
NPN SILICON POWER TRANSISTORS 1 AMPERE 250, 400 VOLTS 15 WATTS
MJE13002 MOTOROLA-MJE13002 Datasheet
304Kb / 8P
1.5 AMPERE NPN SILICON POWER TRANSISTORS 300 AND 400 VOLTS 40 WATTS
MJE2360T MOTOROLA-MJE2360T Datasheet
98Kb / 4P
0.5 AMPERE POWER TRANSISTORS NPN SILICON 350 VOLTS 30 WATTS
MJE5730 MOTOROLA-MJE5730 Datasheet
190Kb / 6P
1.0 AMPERE POWER TRANSISTORS PNP SILICON 300-350-400 VOLTS 40 WATTS
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com