Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFP-6152 Datasheet(PDF) 1 Page - AAEON Technology

Part # AFP-6152
Description  15??Stainless Fanless Touch Panel Computer With Intel Atom D525 Processor, 2G RAM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

AFP-6152 Datasheet(HTML) 1 Page - AAEON Technology

  AFP-6152 Datasheet HTML 1Page - AAEON Technology AFP-6152 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Note: All specifications are subject to change without notice.
05-1
05
Features
Specifications
15” XGA (1024 x 768) TFT LCD Display
■
■
Intel® Atom™ D525 Processor, Fanless Operation
■
■
IP66/NEMA4x-Compliant Stainless Type 316L System
■
■
Wide Operation Temperature : -20°C ~ 50°C
■
■
Anti-Scratch Touch Screen: 7H
■
■
Power Input Protection:
■
■
Over-Voltage Protection
Low-Voltage Protection
Reverse Protection
15” Stainless Fanless Touch Panel Computer With Intel® Atom™ D525 Processor, 2G RAM
System
Processor
Intel® Dual Core Atom™ D525 CPU, 1.8GHz onboard
Memory
DDR3 SODIMM x 1 up to 4GB (Wide-Temp. and Factory- Installed )
LCD/CRT Controller
Integrated in Processor
Ethernet
10/100/1000Base-TX x 1
I/O Port
M12 x 1 for USB 2.0 x 2
M12 x 1 for RS-232 x 1
M12 x 1 for RS-232/422/485 x 1
M12 x 1 for LAN x 1
Power input x 1
Storage Disk Drive
2.5" SATA Hard Disk Driver x 1/ CompactFlash™ Slot x 1 (Internal) (Wide-Temp.
and Factory- Installed )
Expansion Slot
Mini-card x 1
OS Support
Window® XP, Window® 7, Linux Fedora
Mechanical
Construction
IP66 / NEMA4x for stainless front bezel & stainless chassis
Mounting
VESA 75/100
Dimension
15.75” (W) x 12.76” (H) x 3.32” (D) (390 mm x 324mm x 84.5mm)
Carton Dimension
20.47” x 18.5” x 9.06” (520mm x 470mm x 230mm)
Gross Weight
13.2 lb (6 Kg)
Net Weight
16.1 lb (7.5Kg)
Environmental
Operating Temperature
-4°F ~ 122°F (-20°C ~ 50°C) Ambient without Airflow
-4°F ~ 130°F (-20°C ~ 55°C) Ambient with Airflow
Storage Temperature
-4°F ~ 158°F (-20°C ~ 70°C)
Storage Humidity
5%~95% @40°C, non-condensing
Vibration
1g rms/ 5~500Hz/ Random operation (HDD)
Shock
20 G peak acceleration (11 msec. Duration)
EMC
CE/FCC Class A
Power Supply
DC input
9~30V DC input
-Over-voltage protection
-Low-voltage protection
-Reverse protection
LCD
Display type
15" TFT-LCD
Max Resolution
1024 x 768
Max. Colors
26.2M colors
Luminance
400
Viewing Angle
160°(H)/140°(V)
Back Light
LED
Back Light MTBF (hours)
50,000
Touchscreen
Type
Glass-Film-Glass touch, anti-scratch 7H
Light Transmission
80%
Lifetime (Times)
10 millions times
AFP-6152
Power
VESA 75/700
LAN
USB
Power
COM1 (RS-232)
COM2 (RS-232, RS-422 and RS-485)


Similar Part No. - AFP-6152

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AFP-6123 AAEON-AFP-6123 Datasheet
284Kb / 2P
12.1??Stainless Fanless Touch Panel Computer With Intel Atom D2550 Onboard, 2G RAM
AFP-6123HTT-A1-1010 AAEON-AFP-6123HTT-A1-1010 Datasheet
284Kb / 2P
12.1??Stainless Fanless Touch Panel Computer With Intel Atom D2550 Onboard, 2G RAM
More results

Similar Description - AFP-6152

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AFP-6123 AAEON-AFP-6123 Datasheet
284Kb / 2P
12.1??Stainless Fanless Touch Panel Computer With Intel Atom D2550 Onboard, 2G RAM
AHP-2122 AAEON-AHP-2122 Datasheet
368Kb / 2P
12.1??Rugged Fanless Touch Panel Computer With Onboard Intel Atom D525 Processor
AHP-2153 AAEON-AHP-2153 Datasheet
455Kb / 2P
15??Rugged Fanless Touch Panel Computer With Onboard Intel Atom D2550 Processor
AHP-1083 AAEON-AHP-1083 Datasheet
293Kb / 2P
8.4 ??SVGA HMI Touch Panel Computer With Onboard Intel Atom D2550 1.86 GHz Processor 2G RAM
logo
Axiomtek Co., Ltd.
GOT3156T-834 AXIOMTEK-GOT3156T-834 Datasheet
378Kb / 2P
15 XGA TFT Fanless Touch Panel Computer with Intel Atom Processor
logo
Advantech Co., Ltd.
PPC-3150 ADVANTECH-PPC-3150_15 Datasheet
436Kb / 2P
15" Fanless Panel PC with Intel Atom Quad-Core Processor
logo
Axiomtek Co., Ltd.
GOT3126T-834 AXIOMTEK-GOT3126T-834_17 Datasheet
440Kb / 2P
12.1 XGA TFT Extended Temp. Fanless Touch Panel Computer with Intel Atom
GOT3156T-834 AXIOMTEK-GOT3156T-834_17 Datasheet
377Kb / 2P
15 XGA TFT Fanless Touch Panel Computer with Intel Atom Processor E3827
GOT5152T-834 AXIOMTEK-GOT5152T-834_17 Datasheet
690Kb / 2P
15 XGA TFT Fanless Touch Panel Computer with Intel Celeron
MPC152-832 AXIOMTEK-MPC152-832_17 Datasheet
364Kb / 2P
15 XGA TFT Medical Grade Fanless Touch Panel Computer with Intel Atom
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com