Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFP-6152 Datasheet(PDF) 2 Page - AAEON Technology

Part # AFP-6152
Description  15??Stainless Fanless Touch Panel Computer With Intel Atom D525 Processor, 2G RAM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

AFP-6152 Datasheet(HTML) 2 Page - AAEON Technology

  AFP-6152 Datasheet HTML 1Page - AAEON Technology AFP-6152 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
05-2
Dimension
Unit: mm
Ordering Information
Accessories In Packing
TF-AFP-6152HTT-A1-1010
•
15” Stainless Fanless Panel PC, Intel® Atom™ D525, 2G RAM, 400nits, 9~30V in, Glass-Film-Glass (GFG)
Touch
1700090208
•
COM (D-Sub) Cable with Waterproof M12 Connector (FOX Series)
1709080251
•
Two USB Y Cables with Waterproof M12 Connector (FOX Series)
M990FOX001
•
3-pin Waterproof Cap Connector for DC-in or Audio Line-out Port (FOX Series)
P990FOX001
•
Waterproof Cap Connector for LAN Port of FOX Series (RJ-45 Compliance)
1757910004
•
AC Adapter (100W)
1702031802
•
AC Adapter Cord (US Type)
1702031803
•
AC Adapter Cord (European Type)
170203180E
•
AC Adapter Cord (Japanese Type)
Optional Accessories
AFP-6152
1757910004
•
AC Adapter ( 100W )
1757910802
•
AC Adapter Power Cord ( US Type )
1757910803
•
AC Adapter Power Cord ( European Type )
175791080E
•
AC Adapter Power Cord ( Japanese Type )
3 9 0 . 0 0
2 8 . 0 0
8 4 . 5 0
7 5 . 0 0
1 0 0 . 0 0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com