Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1816A Datasheet(PDF) 21 Page - Analog Devices

Part # AD1816A
Description  SoundPort Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1816A Datasheet(HTML) 21 Page - Analog Devices

Back Button AD1816A Datasheet HTML 17Page - Analog Devices AD1816A Datasheet HTML 18Page - Analog Devices AD1816A Datasheet HTML 19Page - Analog Devices AD1816A Datasheet HTML 20Page - Analog Devices AD1816A Datasheet HTML 21Page - Analog Devices AD1816A Datasheet HTML 22Page - Analog Devices AD1816A Datasheet HTML 23Page - Analog Devices AD1816A Datasheet HTML 24Page - Analog Devices AD1816A Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
AD1816A
–21–
REV. A
Figure 14 illustrates the flexibility of the DSP Serial Port interface. This port can monitor or intercept any of the digital streams man-
aged by the AD1816A. Any ADC or DAC data stream can be intercepted by the port, shipped to an external DSP or ASIC manipu-
lated, and returned to any DAC summing path or to the ADC.
PLUG AND PLAY
ISA BUS
PARALLEL
INTERFACE
AUDIO
Σ∆ DAC
PGA
AUDIO/
MODEM
Σ∆ ADC
SERIAL PORT INTERFACE
MUSIC
SYNTHESIZER
I2S SERIAL PORT (0)
Σ
A
M
A
M
A
M
A
M
I2S SERIAL PORT (1)
FORMAT
FIFO
FORMAT
FIFO
Figure 14. DSP Serial Port
ISA INTERFACE
AD1816A Chip Registers
Table II, Chip Register Diagram, details the AD1816A direct register set available from the ISA Bus. Prior to any accesses by the
host, the PC I/O addressable ports must be configured using the Plug and Play Resources.
Table II. Chip Register Diagram
Register Type-Register Name
Register PC I/O Address
Plug and Play
ADDRESS
0x279
WRITE_DATA
0xA79
READ_DATA
Relocatable in Range 0x203 – 0x3FF
Sound System Codec
CODEC REGISTERS
0x(SS Base+0 – SS Base+15)
Relocatable in Range 0x100 – 0x3FF
See Table V
SoundBlaster Pro
Music0: Address (w), Status (r)
(SB Base) Relocatable in Range 0x100 – 0x3F0
Music0: Data (w)
(SB Base+1)
Music1: Address (w)
(SB Base+2)
Music1: Data (w)
(SB Base+3)
Mixer Address (w)
(SB Base+4)
Mixer Data (w)
(SB Base+5)
Reset (w)
(SB Base+6 or 7)
Music0: Address (w)
(SB Base+8)
Music0: Data (w)
(SB Base+9)
Input Data (r)
(SB Base+A or +B)
Status (r), Output Data (w)
(SB Base+C or +D)
Status (r)
(SB Base+E or +F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com