Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1816A Datasheet(PDF) 1 Page - Analog Devices

Part # AD1816A
Description  SoundPort Controller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1816A Datasheet(HTML) 1 Page - Analog Devices

  AD1816A Datasheet HTML 1Page - Analog Devices AD1816A Datasheet HTML 2Page - Analog Devices AD1816A Datasheet HTML 3Page - Analog Devices AD1816A Datasheet HTML 4Page - Analog Devices AD1816A Datasheet HTML 5Page - Analog Devices AD1816A Datasheet HTML 6Page - Analog Devices AD1816A Datasheet HTML 7Page - Analog Devices AD1816A Datasheet HTML 8Page - Analog Devices AD1816A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
AD1816A
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1997
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
FEATURES
Compatible with Microsoft® PC 97 Logo Requirements
Supports Applications Written for Windows® 95,
Windows 3.1, Windows NT, SoundBlaster
® Pro,
AdLib®/OPL3®
Stereo Audio 16-Bit
Codec
Internal 3D Circuit—Phat™ Stereo Phase Expander
MPC Level-3 Mixer
ISA Plug and Play Compatible
16-Bit Address Decode
Dual Type F FIFO DMA Support
MPU-401 Compatible MIDI Port
Supports Wavetable Synthesizers
Integrated Enhanced Digital Game Port
Bidirectional DSP Serial Port
Two I
2S Digital Audio Serial Ports
Integrated OPL3 Compatible Music Synthesizer
Software and Hardware Volume Control
Full-Duplex Capture and Playback Operation at
Different Sample Rates
Supports Up to Six Different Sample Rates Simultaneously
1 Hz Resolution Programmable Sample Rates from
4 kHz to 55.2 kHz
Power Management Modes
Operation from +5 V Supply
Built-In 24 mA Bus Drivers
100-Lead PQFP and TQFP Package
FUNCTIONAL BLOCK DIAGRAM
M
A
I2S SERIAL PORT (0)
DIGITAL PLL
G = GAIN
A = ATTENUATE
M = MUTE
MV = MASTER VOLUME
AD1816A
PHONE_IN
MIC
LINE
SYNTH
CD
VID
L_OUT
R_OUT
PCLKO
SDATA (1)
LRCLK (1)
BCLK (1)
SDATA (0)
LRCLK (0)
BCLK (0)
IOW
IOR
DACK (X)
AEN
PC_A (15:0)
PC_D (7:0)
IRQ (X)
DRQ (X)
I2S SERIAL PORT (1)
PGA
MPU-401
SB PRO
REGISTER
GAME PORT
HARDWARE
VOLUME
CONTROL
AGC
0dB/
20dB
OSCILLATORS
G
A
M
Σ
Σ
Σ
MV
MV
Σ
DSP SERIAL PORT
G
A
M
Σ
G
A
M
Σ
G
A
M
Σ
Σ
E2PROM
CONTROL
MODEM/
LOGICAL
DEVICE
CONTROL
Σ
A
M
MV
M
A
M
A
M
A
2
2
2
2
2
Σ
PHONE_OUT
Σ
Σ
Σ
Σ
Σ
Σ
Σ
Σ
SERIAL PORT
INTERFACE
MUSIC
SYNTHESIZER
G
A
M
16-BIT
A/D
CONVERTER
16-BIT
D/A
CONVERTER
SoundPort® Controller
SoundPort is a registered trademark of Analog Devices, Inc.
Phat is a trademark of Analog Devices, Inc.
All other trademarks are the property of their respective holders.
a


Similar Part No. - AD1816A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1816A AD-AD1816A_15 Datasheet
398Kb / 52P
SoundPort Controller
REV. A
More results

Similar Description - AD1816A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1819B AD-AD1819B Datasheet
245Kb / 28P
AC??7 SoundPort Codec
AD1845 AD-AD1845 Datasheet
333Kb / 40P
Parallel-Port 16-Bit SoundPort Stereo Codec
AD1847 AD-AD1847 Datasheet
311Kb / 28P
Serial-Port 16-Bit SoundPort Stereo Codec
AD1849K AD-AD1849K Datasheet
293Kb / 28P
Serial-Port 16-Bit SoundPort Stereo Codec
AD1812 AD-AD1812 Datasheet
339Kb / 20P
SoundPort Controller
REV.0
AD1816A AD-AD1816A_15 Datasheet
398Kb / 52P
SoundPort Controller
REV. A
AD1819A AD-AD1819A_15 Datasheet
278Kb / 28P
AC 97 SoundPort Codec
REV. 0
AD1819B AD-AD1819B_15 Datasheet
249Kb / 28P
AC97 SoundPort Codec
REV. 0
AD1845 AD-AD1845_15 Datasheet
1Mb / 40P
Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1849 AD-AD1849_15 Datasheet
662Kb / 28P
Serial-Port 16-Bit SoundPort Stereo Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com