Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1845 Datasheet (PDF) - Analog Devices

AD1845 Datasheet PDF - Analog Devices
Part # AD1845
Download  AD1845 Download
File Size   333.13 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Parallel-Port 16-Bit SoundPort Stereo Codec

AD1845 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1845 Datasheet PDF - Analog Devices

Part # AD1845
Download  AD1845 Click to download

File Size   333.13 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Parallel-Port 16-Bit SoundPort Stereo Codec

AD1845 Datasheet (HTML) - Analog Devices


AD1845 Product details

PRODUCT OVERVIEW

The Parallel Port AD1845 SoundPort Stereo Codec integrates key audio data conversion and control functions into a single integrated circuit. The AD1845 provides a complete, single chip computer audio solution for business audio and multimedia applications.



FEATURES

  Single-Chip Integrated ∑∆ Digital Audio Stereo Codec

  Microsoft® and Windows® Sound System Compatible

  MPC Level-2+ Compliant Mixing

  16 mA Bus Drive Capability

  Supports Two DMA Channels for Full Duplex Operation

  On-Chip Capture and Playback FIFOs

  Advanced Power-Down Modes

  Programmable Gain and Attenuation

  Sample Rates from 4.0 kHz to 50 kHz Derived from a Single Clock or Crystal Input

  68-Lead PLCC, 100-Lead TQFP Packages

  Operation from +5 V Supplies

  Byte-Wide Parallel Interface to ISA and EISA Buses

  Pin Compatible with AD1848, AD1846, CS4248, CS4231



 




Similar Part No. - AD1845

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1845 AD-AD1845 Datasheet
676Kb / 40P
Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1845JSTZ AD-AD1845JSTZ Datasheet
676Kb / 40P
Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1845 AD-AD1845_15 Datasheet
1Mb / 40P
Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
More results


Similar Description - AD1845

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1846 AD-AD1846 Datasheet
277Kb / 28P
Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
AD1847 AD-AD1847 Datasheet
311Kb / 28P
Serial-Port 16-Bit SoundPort Stereo Codec
AD1848K AD-AD1848K Datasheet
320Kb / 28P
Parallel-Port 16-Bit SoundPort Stereo Codec
AD1849K AD-AD1849K Datasheet
293Kb / 28P
Serial-Port 16-Bit SoundPort Stereo Codec
AD1845JSTZ AD-AD1845JSTZ Datasheet
676Kb / 40P
Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1847 AD-AD1847_15 Datasheet
241Kb / 28P
Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1848K AD-AD1848K_15 Datasheet
242Kb / 28P
Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1846 AD-AD1846_15 Datasheet
249Kb / 28P
Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1845 AD-AD1845_15 Datasheet
1Mb / 40P
Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1849 AD-AD1849_15 Datasheet
662Kb / 28P
Serial-Port 16-Bit SoundPort Stereo Codec
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com