Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1846 Datasheet (PDF) - Analog Devices

AD1846 Datasheet PDF - Analog Devices
Part # AD1846
Download  AD1846 Download
File Size   277.68 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec

AD1846 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1846 Datasheet PDF - Analog Devices

Part # AD1846
Download  AD1846 Click to download

File Size   277.68 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec

AD1846 Datasheet (HTML) - Analog Devices


AD1846 Product details

PRODUCT OVERVIEW
The Parallel-Port AD1846 SoundPort® Stereo Codec integrates key audio data conversion and control functions into a single integrated circuit. The AD1846 is intended to provide a complete, single-chip audio solution for business audio and multimedia applications requiring operation from a single +5 V supply.

FEATURES
    Low Cost, Pin- and Register-Compatible Alternative to AD1848
    Single-Chip Integrated ∑∆ Digital Audio Stereo Codec
    Supports the Microsoft Windows Sound System*
    Multiple Channels of Stereo Input and Output
    Analog and Digital Signal Mixing
    Programmable Gain and Attenuation
    On-Chip Signal Filters
        Digital Interpolation and Decimation Analog Output Low-Pass
    Sample Rates from 5.5 kHz to 48 kHz
    68-Lead PLCC Package
    Operation from +5 V Supply
    Byte-Wide Parallel Interface to ISA and EISA Buses
    Supports One or Two DMA Channels and Programmed I/O




Similar Part No. - AD1846

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1846 AD-AD1846_15 Datasheet
249Kb / 28P
Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
REV. A
More results


Similar Description - AD1846

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1845 AD-AD1845 Datasheet
333Kb / 40P
Parallel-Port 16-Bit SoundPort Stereo Codec
AD1847 AD-AD1847 Datasheet
311Kb / 28P
Serial-Port 16-Bit SoundPort Stereo Codec
AD1848K AD-AD1848K Datasheet
320Kb / 28P
Parallel-Port 16-Bit SoundPort Stereo Codec
AD1849K AD-AD1849K Datasheet
293Kb / 28P
Serial-Port 16-Bit SoundPort Stereo Codec
AD1845JSTZ AD-AD1845JSTZ Datasheet
676Kb / 40P
Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1847 AD-AD1847_15 Datasheet
241Kb / 28P
Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1848K AD-AD1848K_15 Datasheet
242Kb / 28P
Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1846 AD-AD1846_15 Datasheet
249Kb / 28P
Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1845 AD-AD1845_15 Datasheet
1Mb / 40P
Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1849 AD-AD1849_15 Datasheet
662Kb / 28P
Serial-Port 16-Bit SoundPort Stereo Codec
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com