Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1849K Datasheet (PDF) - Analog Devices

AD1849K Datasheet PDF - Analog Devices
Part # AD1849K
Download  AD1849K Download
File Size   293.57 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Serial-Port 16-Bit SoundPort Stereo Codec

AD1849K Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1849K Datasheet PDF - Analog Devices

Part # AD1849K
Download  AD1849K Click to download

File Size   293.57 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Serial-Port 16-Bit SoundPort Stereo Codec

AD1849K Datasheet (HTML) - Analog Devices


AD1849K Product details

PRODUCT OVERVIEW
The Serial-Port AD1849K SoundPort Stereo Codec integrates the key audio data conversion and control functions into a single integrated circuit. The AD1849K is intended to provide a complete, single-chip audio solution for multimedia applications requiring operation from a single 5 V supply. External signal path circuit requirements are limited to three low tolerance capacitors for line level applications; anti-imaging filters are incorporated on-chip.

FEATURES
    Single-Chip Integrated  Digital Audio Stereo Codec
    Multiple Channels of Stereo Input and Output
    Digital Signal Mixing
    On-Chip Speaker and Headphone Drive Capability
    Programmable Gain and Attenuation
    On-Chip Signal Filters Digital Interpolation and Decimation Analog Output Low-Pass
    Sample Rates from 5.5 kHz to 48 kHz
    44-Lead PLCC Package
    Operation from 5 V and Mixed 5 V/3.3 V Supplies
    Serial Interface Compatible with ADSP-21xx Fixed-Point DSPs
    Compatible with CS4215 (See Text)




Similar Part No. - AD1849K

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1849K AD-AD1849K Datasheet
662Kb / 28P
Serial-Port 16-Bit SoundPort짰 Stereo Codec
REV. A
AD1849KPZ AD-AD1849KPZ Datasheet
662Kb / 28P
Serial-Port 16-Bit SoundPort짰 Stereo Codec
REV. A
More results


Similar Description - AD1849K

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1845 AD-AD1845 Datasheet
333Kb / 40P
Parallel-Port 16-Bit SoundPort Stereo Codec
AD1846 AD-AD1846 Datasheet
277Kb / 28P
Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
AD1847 AD-AD1847 Datasheet
311Kb / 28P
Serial-Port 16-Bit SoundPort Stereo Codec
AD1848K AD-AD1848K Datasheet
320Kb / 28P
Parallel-Port 16-Bit SoundPort Stereo Codec
AD1845JSTZ AD-AD1845JSTZ Datasheet
676Kb / 40P
Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1847 AD-AD1847_15 Datasheet
241Kb / 28P
Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1848K AD-AD1848K_15 Datasheet
242Kb / 28P
Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1846 AD-AD1846_15 Datasheet
249Kb / 28P
Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1845 AD-AD1845_15 Datasheet
1Mb / 40P
Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1849 AD-AD1849_15 Datasheet
662Kb / 28P
Serial-Port 16-Bit SoundPort Stereo Codec
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com