Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1833AST Datasheet(PDF) 11 Page - Analog Devices

Part # AD1833AST
Description  Multichannel 24-Bit, 192 kHz, DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1833AST Datasheet(HTML) 11 Page - Analog Devices

Back Button AD1833AST Datasheet HTML 7Page - Analog Devices AD1833AST Datasheet HTML 8Page - Analog Devices AD1833AST Datasheet HTML 9Page - Analog Devices AD1833AST Datasheet HTML 10Page - Analog Devices AD1833AST Datasheet HTML 11Page - Analog Devices AD1833AST Datasheet HTML 12Page - Analog Devices AD1833AST Datasheet HTML 13Page - Analog Devices AD1833AST Datasheet HTML 14Page - Analog Devices AD1833AST Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REV. 0
AD1833
–11–
MCLK Select
The AD1833 allows the matching of available external MCLK
frequencies to the required sample rate. The oversampling rate
can be selected from 256
× f
S, 512
× f
S or 768
× f
S by writing to
Bit 4 and Bit 3. Internally the AD1833 requires an MCLK of
512
× fS; therefore, in the case of 256 × fS mode, a clock doubler
is used, whereas in 768
× f
S mode, a divide-by-3 block (/3) is
first implemented, followed by a clock doubler. See Table XII.
Table XII. MCLK Settings
Bit 4
Bit 3
Oversample Ratio
0
0
256
× fS (MCLK × 2 Internally)
0
1
512
× fS
1
0
768
× f
S (MCLK
× 2/3 Internally)
1
1
Reserved
Channel Zero Status
The AD1833 provides individual logic output status indicators
when zero data is sent to a channel for 1024 or more consecutive
sample periods. There is also a global zero flag that indicates all
channels contain zero data. The polarity of the active zero signal
Table XIV. MCLK vs. Sample Rate Selection
MCLK (MHz)
Sampling Rate fS (kHz)
Interpolator Mode
256 fS
512 fS
768 fS
32
8
× (Normal)
64
4
× (Double)
8.192
16.384
24.576
128
2
× (4 Times)
44.1
8
× (Normal)
88.2
4
× (Double)
11.2896
22.5792
33.8688
176.4
2
× (4 Times)
48
8
× (Normal)
96
4
× (Double)
12.288
24.576
36.864
192
2
× (4 Times)
Table XV. Volume Control Registers
Address
Reserved
*
Volume Control
15–12
11
10
9–0
0
0
1
0
0
0
Channel 1 Volume Control (OUTL1)
0
0
1
1
Channel 2 Volume Control (OUTR1)
0
1
0
0
Channel 3 Volume Control (OUTL2)
0
1
0
1
Channel 4 Volume Control (OUTR2)
0
1
1
0
Channel 5 Volume Control (OUTL3)
0
1
1
1
Channel 6 Volume Control (OUTR3)
*Must be programmed to zero.
is programmable by writing to Control Bit 2, see Table XIII.
The six individual channel flags are best used as three stereo
zero flags by combining pairs of them through suitable logic
gates. Then, when both the left and right input are zero for 1024
clock cycles, i.e., a stereo zero input for 1024 sample periods,
the combined result of the two individual flags will go active
indicating a stereo zero.
Table XIII. Zero Detect
Bit 2
Channel Zero Status
0
Active High
1
Active Low
DAC Volume Control Registers
The AD1833 has six volume control registers, one each for the
six DAC channels. Volume control is exercised by writing to the
relevant register associated with each DAC. This setting is used
to attenuate the DAC output. Full-scale setting (all 1s) is equiva-
lent to zero attenuation. See Table XV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com