Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1833AST Datasheet(PDF) 14 Page - Analog Devices

Part # AD1833AST
Description  Multichannel 24-Bit, 192 kHz, DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1833AST Datasheet(HTML) 14 Page - Analog Devices

Back Button AD1833AST Datasheet HTML 10Page - Analog Devices AD1833AST Datasheet HTML 11Page - Analog Devices AD1833AST Datasheet HTML 12Page - Analog Devices AD1833AST Datasheet HTML 13Page - Analog Devices AD1833AST Datasheet HTML 14Page - Analog Devices AD1833AST Datasheet HTML 15Page - Analog Devices AD1833AST Datasheet HTML 16Page - Analog Devices AD1833AST Datasheet HTML 17Page - Analog Devices AD1833AST Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
REV. 0
AD1833
–14–
Packed Mode 128
In Packed Mode 128, all six data channels are “packed” into
one sample interval on one data pin. The BCLK runs at 128
×
fS; therefore there are 128 BCLK periods in each sample inter-
val. Each sample interval is broken into eight time slots, six slots
of 20 BCLKs and two of four BCLKs. The data length is restricted
in this mode to a maximum of 20 bits. The three left channels
are written first, MSB first, and the data is written on the falling
edge of BCLK. After the three left channels are written, there is
a space of four BCLKs and then the three right channels are
written. The L/
RCLK defines the left and right data transmis-
sion; it is high for the three left channels and low for the three
right channels.
Packed Mode 256
In Packed Mode 256 all six data channels are “packed” into one
sample interval on one data pin. The BCLK runs at 256
× f
S;
therefore there are 256 BCLK periods in each sample interval.
Each sample interval is broken into eight time slots of 32 BCLKs
each. The data length can be 16, 20, or 24 bits. The three left
channels are written first, MSB first, and the data is written on
the falling edge of BCLK with a one BCLK period delay from
the start of the slot. After the three left channels are written,
there is a space of 32 BCLKs and then the three right channels
are written. The L/
RCLK defines the left and right data trans-
mission; it is low for the three left channels and high for the
three right channels.
SLOT 1
LEFT 0
SLOT 2
LEFT 1
SLOT 3
LEFT 2
SLOT 4
RIGHT 0
SLOT 5
RIGHT 1
SLOT 6
RIGHT 2
L/
RCLK
BCLK
DATA
MSB
24-BIT DATA
20-BIT DATA
16-BIT DATA
BCLK
MSB
–1
MSB
–2
MSB
–3
MSB
–4
LSB
+8
LSB
+7
LSB
+6
LSB
+5
LSB
+4
LSB
+3
LSB
+2
LSB
+1
LSB
MSB
MSB
–1
MSB
–2
MSB
–3
MSB
–4
LSB
+4
LSB
+3
LSB
+2
LSB
+1
LSB
MSB
MSB
–1
MSB
–2
MSB
–3
MSB
–4
LSB
Figure 10. Packed Mode 256
SLOT 1
LEFT 0
SLOT 2
LEFT 1
SLOT 3
LEFT 2
BLANK SLOT
4 SCLKs
SLOT 4
RIGHT 0
SLOT 5
RIGHT 1
SLOT 6
RIGHT 2
BLANK SLOT
4 SCLKs
MSB
20-BIT DATA
16-BIT DATA
BCLK
MSB
–1
MSB
–2
MSB
–3
MSB
–4
LSB
+4
LSB
+3
LSB
+2
LSB
+1
LSB
MSB
MSB
–1
MSB
–2
MSB
–3
MSB
–4
LSB
BCLK
DATA
L/
RCLK
Figure 9. Packed Mode 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com