Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1845 Datasheet(PDF) 39 Page - Analog Devices

Part # AD1845
Description  Parallel-Port 16-Bit SoundPort Stereo Codec
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1845 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD1845 Datasheet HTML 32Page - Analog Devices AD1845 Datasheet HTML 33Page - Analog Devices AD1845 Datasheet HTML 34Page - Analog Devices AD1845 Datasheet HTML 35Page - Analog Devices AD1845 Datasheet HTML 36Page - Analog Devices AD1845 Datasheet HTML 37Page - Analog Devices AD1845 Datasheet HTML 38Page - Analog Devices AD1845 Datasheet HTML 39Page - Analog Devices AD1845 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
AD1845
–39–
REV. C
Control and Programmed I/O (PIO) Transfers . . . . . . . . . . . 29
DIRECT MEMORY ACCESS (DMA) TRANSFERS . . . . . . . 30
Single-Channel DMA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Dual-Channel DMA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
DMA Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
DMA Interrupt . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
POWER-UP AND RESET . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
ADVANCED POWER-DOWN MODES . . . . . . . . . . . . . . . . . 32
AUTOCALIBRATION
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
CHANGING SAMPLE RATES . . . . . . . . . . . . . . . . . . . . . . . . 33
APPLICATIONS CIRCUITS
. . . . . . . . . . . . . . . . . . . . . . . . . 34
GROUNDING AND LAYOUT . . . . . . . . . . . . . . . . . . . . . . . . 35
COMPATIBILITY WITH CS4231 . . . . . . . . . . . . . . . . . . . . . 36
FREQUENCY RESPONSE PLOTS . . . . . . . . . . . . . . . . . . . . 37
APPENDIX—EXTENDED TEMPERATURE
SPECIFICATIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
PACKAGE OUTLINE DIMENSIONS . . . . . . . . . . . . . . . . . . 40
FIGURES TABLE OF CONTENTS
1. Interface to ISA Bus . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
2.
µ-Law or A-Law Expansion . . . . . . . . . . . . . . . . . . . . . . . . 11
3.
µ-Law or A-Law Compression . . . . . . . . . . . . . . . . . . . . . . 11
4. Direct Register Map . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
5. Indirect Register Map and Reset/Default States . . . . . . . . . 12
6. Register Summary . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
7. Mix Gain Level Setting: DAC . . . . . . . . . . . . . . . . . . . . . . . 18
8. MODE1 Audio Sample Frequency Select . . . . . . . . . . . . . . 19
9. Digital Audio Data Type . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
10. Mix Gain Level Setting: AUX1, AUX2, MIC, LINE . . . . . 24
11. Mono Attenuation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
12. Capture Audio Data Type . . . . . . . . . . . . . . . . . . . . . . . . . 27
13. Input Frequency Selection . . . . . . . . . . . . . . . . . . . . . . . . . 28
14. 8-Bit Mono Data Stream Sequencing . . . . . . . . . . . . . . . . . 29
15. 8-Bit Stereo Data Stream Sequencing . . . . . . . . . . . . . . . . . 29
16. 16-Bit Mono Data Stream Sequencing, Little Endian
. . . . 29
17. 16-Bit Stereo Data Stream Sequencing, Little Endian . . . . 29
18. 16-Bit Mono Data Stream Sequencing, Big Endian . . . . . . 29
19. 16-Bit Stereo Data Stream Sequencing, Big Endian . . . . . . 29
20. Control Register/PIO Read Cycle . . . . . . . . . . . . . . . . . . . . 30
21. Control Register/PIO Write Cycle
. . . . . . . . . . . . . . . . . . . 30
22. 8-Bit Mono DMA Read/Capture Cycle . . . . . . . . . . . . . . . 31
23. 8-Bit Mono DMA Write/Playback Cycle
. . . . . . . . . . . . . . 31
24. 8-Bit Stereo or 16-Bit Mono DMA Cycle . . . . . . . . . . . . . . 31
25. 16-Bit Stereo DMA Interrupt . . . . . . . . . . . . . . . . . . . . . . . 31
26. Advanced Power-Down Mode Summary . . . . . . . . . . . . . . 32
27. 2 V rms Line-Level Input Circuit for LINE Inputs . . . . . . . 34
28. 2 V rms Line-Level Input Circuit for M_IN and
AUX Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
29. “Phantom Powered” Microphone Input Circuit . . . . . . . . . 34
30. Line Output Connections . . . . . . . . . . . . . . . . . . . . . . . . . . 35
31. Headphone Drive Connections . . . . . . . . . . . . . . . . . . . . . . 35
32. Voltage Reference Bypassing . . . . . . . . . . . . . . . . . . . . . . . . 35
33. External Filter Capacitor Connections . . . . . . . . . . . . . . . . 35
34. Crystal Connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
35. Recommended Power Supply Bypassing . . . . . . . . . . . . . . . 35
36. Recommended Ground Plane . . . . . . . . . . . . . . . . . . . . . . . 36
37. Analog-to-Digital Frequency Response to FS (Full-Scale
Line-Level Inputs, 0 dB) . . . . . . . . . . . . . . . . . . . . . . . . . . 37
38. Analog-to-Digital Frequency Response—Transition Band
(Full-Scale Line-Level Inputs, 0 dB) . . . . . . . . . . . . . . . . . 37
39. Digital-to-Analog Frequency Response to FS (Full-Scale
Inputs, 0 dB) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
40. Digital-to-Analog Frequency Response—Transition Band
(Full-Scale Inputs, 0 dB) . . . . . . . . . . . . . . . . . . . . . . . . . . 37
TABLE OF CONTENTS
PRODUCT OVERVIEW . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Expanded Mode (MODE2) . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
SPECIFICATIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
ORDERING GUIDE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
PIN DESIGNATIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
PIN FUNCTION DESCRIPTIONS . . . . . . . . . . . . . . . . . . . . . 7
FUNCTIONAL DESCRIPTION . . . . . . . . . . . . . . . . . . . . . . . 10
Analog Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Analog Mixing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Analog-to-Digital Datapath . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Digital-to-Analog Datapath . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Digital Mixing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Analog Outputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Digital Data Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Timer Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Interrupts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Power Supplies and Voltage Reference
. . . . . . . . . . . . . . . . . 11
Clocks and Sample Rates . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
CONTROL REGISTERS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Control Register Architecture . . . . . . . . . . . . . . . . . . . . . . . . 11
Direct Control Register Definitions . . . . . . . . . . . . . . . . . . . . 14
Index Address Register (ADR1:0 = 0) . . . . . . . . . . . . . . . . 14
Indexed Data Register (ADR1:0 = 1) . . . . . . . . . . . . . . . . . 14
Status Register (ADR1:0 = 2)
. . . . . . . . . . . . . . . . . . . . . . 15
PIO Data Registers (ADR1:0 = 3) . . . . . . . . . . . . . . . . . . . 16
Indirect Control Register Definitions . . . . . . . . . . . . . . . . . . . 16
Left Input Control (IXA3:0 = 0) . . . . . . . . . . . . . . . . . . . . 16
Right Input Control (IXA3:0 = 1) . . . . . . . . . . . . . . . . . . . 16
Left Aux #1 Input Control (IXA3:0 = 2) . . . . . . . . . . . . . . 17
Right Aux #1 Input Control (IXA3:0 = 3) . . . . . . . . . . . . . 17
Left Aux #2 Input Control (IXA3:0 = 4) . . . . . . . . . . . . . . 17
Right Aux #2 Input Control (IXA3:0 = 5) . . . . . . . . . . . . . 17
Left DAC Control (IXA3:0 = 6) . . . . . . . . . . . . . . . . . . . . 18
Right DAC Control (IXA3:0 = 7) . . . . . . . . . . . . . . . . . . . 18
Clock and Data Format (IXA3:0 = 8) . . . . . . . . . . . . . . . . 19
Interface Configuration (IXA3:0 = 9) . . . . . . . . . . . . . . . . . 20
Pin Control (IXA3:0 = 10) . . . . . . . . . . . . . . . . . . . . . . . . . 20
Test and Initialization (IXA3:0 = 11) . . . . . . . . . . . . . . . . . 21
Miscellaneous Control (IXA3:0 = 12) . . . . . . . . . . . . . . . . 21
Digital Mix/Attenuation Control (IXA3:0 = 13)
. . . . . . . . 22
DMA Playback Base Count . . . . . . . . . . . . . . . . . . . . . . . . 22
Upper Base Count (IXA3:0 = 14)
. . . . . . . . . . . . . . . . . 22
Lower Base Count (IXA3:0 = 15) . . . . . . . . . . . . . . . . . . 23
Alternate Feature Enable /Left MIC Input Control
(IXA3:0 =16) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
MIC Mix Enable/Right MIC Input Control (IXA3:0 = 17) . 23
Left Line Gain, Attenuate, Mute, Mix (IXA3:0 = 18) . . . . 23
Right Line Gain, Attenuate, Mute, Mix (IXA3:0 = 19) . . . 24
Lower Timer Bits (IXA3:0 = 20) . . . . . . . . . . . . . . . . . . . . 24
Upper Timer Bits (IXA3:0 = 21) . . . . . . . . . . . . . . . . . . . . 25
Upper Frequency Select (IXA3:0 = 22) . . . . . . . . . . . . . . . 25
Lower Frequency Select (IXA3:0 = 23) . . . . . . . . . . . . . . . 25
Capture Playback Timer (IXA3:0 = 24) . . . . . . . . . . . . . . . 25
Revision ID (IXA3:0 = 25) . . . . . . . . . . . . . . . . . . . . . . . . . 26
Mono Control (IXA3:0 = 26) . . . . . . . . . . . . . . . . . . . . . . . 26
Power-Down Control (IXA3:0 = 27) . . . . . . . . . . . . . . . . . 27
Capture Data Format Control (IXA3:0 = 28) . . . . . . . . . . 27
Crystal, Clock Select/Total Power-Down (IXA3:0 = 29) . . 27
Capture Upper Base Count (IXA3:0 = 30) . . . . . . . . . . . . 28
Capture Lower Base Count (IXA3:0 = 31) . . . . . . . . . . . . 28
DATA AND CONTROL TRANSFERS . . . . . . . . . . . . . . . . . 29
Data Ordering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
FIFO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Data Bus Drivers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com