Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1846 Datasheet(PDF) 21 Page - Analog Devices

Part # AD1846
Description  Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1846 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD1846 Datasheet HTML 17Page - Analog Devices AD1846 Datasheet HTML 18Page - Analog Devices AD1846 Datasheet HTML 19Page - Analog Devices AD1846 Datasheet HTML 20Page - Analog Devices AD1846 Datasheet HTML 21Page - Analog Devices AD1846 Datasheet HTML 22Page - Analog Devices AD1846 Datasheet HTML 23Page - Analog Devices AD1846 Datasheet HTML 24Page - Analog Devices AD1846 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD1846
REV. A
–21–
DATA AND CONTROL TRANSFERS
The AD1846 SoundPort Stereo Codec supports a DMA re-
quest/grant architecture for transferring data with the host com-
puter bus. One or two DMA channels can be supported.
Programmed I/O (PIO) mode is also supported for control reg-
ister accesses and for applications lacking DMA control. PIO
transfers can be made on one channel while the other is per-
forming DMA. Transfers to and from the AD1846 SoundPort
Codec are asynchronous relative to the internal data conversion
clock. Transfers are buffered, but the AD1846 supports no in-
ternal FIFOs. The host is responsible for providing playback
data before the next digital-to-analog conversion and removing
capture data before the next analog-to-digital conversion.
Data Ordering
The number of byte-wide transfers required depends on the
data format selected. The AD1846 is designed for “little
endian” formats in which the least significant byte (i.e., occupy-
ing the lowest memory address) gets transferred first. So 16-bit
data transfers require first transferring the least significant bits
7:0 and then transferring the most significant bits 15:8, where
bit 15 is the most significant bit in the word.
In addition, left channel data is always transferred before right
channel data with the AD1846. The following figures should
make these requirements clear.
SAMPLE 6
MONO
MONO
MONO
MONO
SAMPLE 5
SAMPLE 4
SAMPLE 3
SAMPLE 2
SAMPLE 1
TIME
BYTE 1
BYTE 2
BYTE 3
BYTE 4
Figure 7. 8-Bit Mono Data Stream Sequencing
SAMPLE 3
RIGHT
LEFT
RIGHT
LEFT
SAMPLE 3
SAMPLE 2
SAMPLE 2
SAMPLE 1
SAMPLE 1
TIME
BYTE 1
BYTE 2
BYTE 3
BYTE 4
Figure 8. 8-Bit Stereo Data Stream Sequencing
TIME
MONO
MONO
SAMPLE 6
SAMPLE 5
SAMPLE 4
SAMPLE 3
SAMPLE 2
SAMPLE 1
BYTES 1 & 2
BYTES 3 & 4
Figure 9. 16-Bit Mono Data Stream Sequencing
TIME
RIGHT
LEFT
SAMPLE 3
SAMPLE 3
SAMPLE 2
SAMPLE 2
SAMPLE 1
SAMPLE 1
BYTES 1 & 2
BYTES 3 & 4
Figure 10. 16-Bit Stereo Data Stream Sequencing
Control and Programmed I/O (PIO) Transfers
This simpler mode of transfers is used both for control register
accesses and programmed I/O. The 21 control and PIO data
registers cannot he accessed via DMA transfers. Playback PIO is
activated when both Playback Enable (PEN) is set and Playback
PIO (PPIO) is set. Capture PIO is activated when both Capture
Enable (CEN) is set and Capture PIO (CPIO) is set. See Fig-
ures 11 and 12 for the detailed timing of the control register/
PIO transfers. The RD and WR signals are used to define the
actual read and write cycles, respectively. The host holds CS
LO during these transfers. The DMA Capture Data Acknowl-
edge (CDAK) and Playback Data Acknowledge (PDAK) must
be held inactive, i.e., HI.
For read/capture cycles, the AD1846 will place data on the
DATA7:0 lines while the host is asserting the read strobe, RD,
by holding it LO. For write/playback, the host must place data
on the DATA7:0 pins while strobing the WR signal LO. The
AD1846 latches the write/playback data on the rising edge of
the WR strobe.
When using PIO data transfers, the Status Register must be
polled to determine when data should be transferred. Note that
the ADC capture data will be ready (CRDY HI) from the previ-
ous sample period shortly before the DAC playback data is
ready (PRDY HI) for the next sample period. The user should
not wait for both ADCs and DACs to become ready before initi-
ating data transfers. Instead, as soon as capture data is ready, it
should be read; as soon as the DACs are ready, playback data
should he written.
Values written to the XCTL1:0 bits in the Pin Control Register
(IA3:0 = 10) will be reflected in the state of the XCTL1:0 exter-
nal output pins. This feature allows a simple method for signal-
ing or software control of external logic. Changes in state of the
external XCTL pins will occur within one sample period. Be-
cause their change is referenced to the internal sample clock, no
useful timing diagram can be constructed.
CDRQ /
PDRQ
OUTPUTS
CS INPUT
CDAK
INPUT
DATA7:0
OUTPUTS
RD INPUT
DBEN &
DBDIR
OUTPUTS
ADR1:0
INPUTS
t
DBDL
t
RDDV
t
ADSU
t
CSHD
t
CSSU
t
DHD1
t
ADHD
t
STW
t
SUDK2
t
SUDK1
Figure 11. Control Register/PIO Read Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com