Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1847 Datasheet(PDF) 13 Page - Analog Devices

Part # AD1847
Description  Serial-Port 16-Bit SoundPort Stereo Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1847 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD1847 Datasheet HTML 9Page - Analog Devices AD1847 Datasheet HTML 10Page - Analog Devices AD1847 Datasheet HTML 11Page - Analog Devices AD1847 Datasheet HTML 12Page - Analog Devices AD1847 Datasheet HTML 13Page - Analog Devices AD1847 Datasheet HTML 14Page - Analog Devices AD1847 Datasheet HTML 15Page - Analog Devices AD1847 Datasheet HTML 16Page - Analog Devices AD1847 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD1847
REV. B
–13–
Left Input Control Register (Index Address 0)
IA3:0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
0000
LSS1
LSS0
res
res
LIG3
LIG2
LIG1
LIG0
LIG3:0
Left Input Gain Select. The least significant bit of this 16-level gain select represents +1.5 dB. Maximum gain is
+22.5 dB.
res
Reserved for future expansion. Write zeros (LO) to all reserved bits.
LSS1:0
Left Input Source Select. These bits select the input source for the left gain stage preceding the left ADC.
0
Left Line 1 Source Selected
1
Left Auxiliary 1 Source Selected
2
Left Line 2 Source Selected
3
Left Line 1 Post-Mixed Output Loopback Source Selected
This register’s initial state after reset is: 0000 0000 (00h).
Right Input Control Register (Index Address 1)
IA3:0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
0001
RSS1
RSS0
res
res
RIG3
RIG2
RIG1
RIG0
RIG3:0
Right Input Gain Select. The least significant bit of this 16-level gain select represents +1.5 dB. Maximum gain is
+22.5 dB.
res
Reserved for future expansion. Write zeros (LO) to all reserved bits.
RSS1:0
Right Input Source Select. These bits select the input source for the right gain stage preceding the right ADC.
0
Right Line 1 Source Selected
1
Right Auxiliary 1 Source Selected
2
Right Line 2 Source Selected
3
Right Line 1 Post-Mixed Output Loopback Source Selected
This register’s initial state after reset is: 0000 0000 (00h).
Left Auxiliary #1 Input Control Register (Index Address 2)
IA3:0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
0010
LMX1
res
res
LX1G4
LX1G3
LX1G2
LX1G1
LX1G0
LX1G4:0 Left Auxiliary Input #1 Gain Select. The least significant bit of this 32-level gain/attenuate select represents –1.5 dB.
LX1G4:0 = 0 produces a +12 dB gain. LX1G4:0 = “01000” (8 decimal) produces 0 dB gain. Maximum attenuation is
–34.5 dB. Gains referred to 2.0 V p-p full-scale output level.
res
Reserved for future expansion. Write zeros (LO) to all reserved bits.
LMX1
Left Auxiliary #1 Mute. This bit, when set HI, will mute the left channel of the Auxiliary #1 input source. This bit is set
HI after reset.
This register’s initial state after reset is: 1000 0000 (80h).
Right Auxiliary #1 Input Control Register (Index Address 3)
IA3:0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
0011
RMX1
res
res
RX1G4
RX1G3
RX1G2
RX1G1
RX1G0
RX1G4:0 Right Auxiliary Input #1 Gain Select. The least significant bit of this 32-level gain/attenuate select represents –1.5 dB.
RX1G4:0 = 0 produces a +12 dB gain. RX1G4:0 = “01000” (8 decimal) produces 0 dB gain. Maximum attenuation is
–34.5 dB. Gains referred to 2.0 V p-p full-scale output level.
res
Reserved for future expansion. Write zeros (LO) to all reserved bits.
RMX1
Right Auxiliary #1 Mute. This bit, when set to HI, will mute the right channel of the Auxiliary #1 input source. This bit is
set to HI after reset.
This register’s initial state after reset is: 1000 0000 (80h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com