Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1847 Datasheet(PDF) 21 Page - Analog Devices

Part # AD1847
Description  Serial-Port 16-Bit SoundPort Stereo Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1847 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD1847 Datasheet HTML 17Page - Analog Devices AD1847 Datasheet HTML 18Page - Analog Devices AD1847 Datasheet HTML 19Page - Analog Devices AD1847 Datasheet HTML 20Page - Analog Devices AD1847 Datasheet HTML 21Page - Analog Devices AD1847 Datasheet HTML 22Page - Analog Devices AD1847 Datasheet HTML 23Page - Analog Devices AD1847 Datasheet HTML 24Page - Analog Devices AD1847 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD1847
REV. B
–21–
2
XTAL1I,O XTAL2I,O
TSO
CLKOUT
AD1847
(MASTER)
2
SCLK
SDFS
SDI
SDO
16.9344
MHz
24.576
MHz
TSI
TSI
XTAL2I
TSO
XTAL1I
(SLAVE 1)
SCLK
SDFS
SDI
SDO
XTAL1O
XTAL2O
N/C
TSI
XTAL2I
TSO
XTAL1I
(SLAVE 2)
SCLK
SDFS
SDI
SDO
XTAL1O
XTAL2O
N/C
Figure 10a. One-Wire Daisy-Chained Codec Interconnect
2
XTAL1I, O XTAL2I, O
TSO
CLKOUT
AD1847
(MASTER)
2
SCLK
SDFS
SDI
SDO
16.9344
MHz
24.576
MHz
TSI
TSI
XTAL2I
TSO
XTAL1I
(SLAVE 1)
SCLK
SDFS
SDI
SDO
XTAL1O
XTAL2O
N/C
TSI
XTAL2I
TSO
XTAL1I
(SLAVE 2)
SCLK
SDFS
SDI
SDO
XTAL1O
XTAL2O
N/C
Figure 10b. Two-Wire Daisy-Chained Codec Interconnect
To bootstrap into TSSEL = 1 (i.e., 2-wire system design), the
host CPU or DSP must transmit to the AD1847 in slot 0 a
Control Word with the MCE bit set HI, IA3:0 = “1100” to
address the Miscellaneous Information Index Register, and
DATA7:0 = “X100 000” to set the TSSEL bit HI. To bootstrap
into FRS = 1 (i.e., 16 slots per frame), the host CPU or DSP
must transmit to the AD1847 in slot 0 a Control Word with the
MCE bit set HI, IA3:0 = “1100” to address the Miscellaneous
Information Index Register, and DATA7:0 = “1X00 0000” to
set the FRS bit HI.
The host CPU or DSP must maintain the MCE bit set HI in
slot 16, which is the Control Word of the second sample of
the frame, so that the AD1847 does not initiate autocalibration
prematurely. At the next frame sync, the AD1847 will be
reconfigured.
The AD1847 must be reset after power up. When the RESET
signal is deasserted, the AD1847 will autocalibrate when the
MCE bit is reset LO (i.e., when exiting the Mode Change En-
able state) only if the ACAL bit is set. If the ACAL bit is not
set, the previous autocalibration values will be used.
The AD1847 will not function properly unless an auto-
calibration is performed after power up.
During power down, the serial port digital output pins and the
analog output pins take the following states:
SCLK–LO if BM is HI (i.e., bus master), input pin if BM is
LO (i.e., bus slave)
SDFS–LO if BM is HI, input pin if BM is LO
SDO–three-state
TSO–three-state
CLKOUT–LO if BM HI, three-state if BM is LO
VREF–pulled to analog ground
L_OUT, R_ OUT– pulled to analog ground
Clock Connections and Clock Rates
When the AD1847 is configured as a bus slave (BM = LO), the
XTAL1I pin should be connected to digital ground, and the
XTAL2I pin should be tied to the CLKOUT of the AD1847
bus master. The XTAL1O and the XTAL2O pins should be left
unconnected. When the AD1847 is configured as a bus master
(BM = HI), the XTAL1I and the XTAL1O pin should be con-
nected to a 24.576 MHz crystal, and the XTAL2I and
XTAL2O pin should be connected to a 16.9344 MHz crystal.
When XTAL1 is selected (by resetting the CSL bit LO in the
Data Format Register) as the clock source, the SCLK pin will
generated a serial clock at 12.288 MHz (or one half of the crys-
tal frequency applied at XTAL1), and the CLKOUT pin will
also generate a clock output at 12.288 MHz when the AD1847
is in bus master mode (BM = HI). When XTAL2 is selected (by
setting the CSL bit HI in the Data Format Register) as the clock
source, the SCLK pin will generate a serial clock at 11.2896 MHz
(or two thirds of the crystal frequency applied at XTAL2), and
the CLKOUT pin will generate a clock output at 16.9344 MHz
when the AD1847 is in bus master mode (BM = HI). The
CLKOUT pin will be three-stated when the AD1847 is placed
in bus slave mode (BM = LO).
When the selected frame size is 32 slots per frame (by resetting
the FRS bit LO in the Miscellaneous Information Register), the
SDFS pin will generate a serial data frame sync at the frequency
of the selected sample rate divided by two, when the AD1847 is
in bus master mode (BM = HI). When the selected frame size is
16 slots per frame (by setting the FRS bit HI in the Miscella-
neous Information Register), the SDFS pin will generate a serial
data frame sync at the frequency of the selected sample rate,
when the AD1847 is in bus master mode (BM = HI).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com