Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1857 Datasheet(PDF) 13 Page - Analog Devices

Part # AD1857
Description  Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1857 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD1857 Datasheet HTML 8Page - Analog Devices AD1857 Datasheet HTML 9Page - Analog Devices AD1857 Datasheet HTML 10Page - Analog Devices AD1857 Datasheet HTML 11Page - Analog Devices AD1857 Datasheet HTML 12Page - Analog Devices AD1857 Datasheet HTML 13Page - Analog Devices AD1857 Datasheet HTML 14Page - Analog Devices AD1857 Datasheet HTML 15Page - Analog Devices AD1857 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD1857/AD1858
REV. 0
–13–
14
13
12
11
17
16
15
20
19
18
10
9
8
1
2
3
4
7
6
5
DIGITAL
GROUND
PLANE
MCLK
DVDD
SDATA
L
RCLK
BCLK
PD/RST
MODE
NC
AVDD
MUTE
DGND
DEEMP
384/
256
AVDD
OUTL
AGND
CMOUT
FILT
AGND
OUTR
ANALOG
GROUND
PLANE
NC = NO CONNECT
FERRITE
BEAD
Figure 22. Recommended Ground Plane
Layout and Decoupling Considerations
The recommended decoupling, bypass and output circuits for
the AD1857/AD1858 are shown in Figure 21.
PCB and Ground Plane Recommendations
The AD1857/AD1858 ideally should be located above a split
ground plane, with the digital pins over the digital ground plane
and the analog pins over the analog ground plane. The split
should occur between Pins 6 and 7, and between Pins 14 and
15 as shown in Figure 22. The ground planes should be linked
with a ferrite bead. This ground plane strategy maximizes the
AD1857/AD1858’s analog audio performance.
2.2
µF
RIGHT LINE
OUTPUT
LEFT LINE
OUTPUT
AVDD
AGND
FILT
CMOUT
+5V
ANALOG
SDATA
BLCK
L
RCLK
MODE
AGND
DVDD
DGND
+5V
DIGITAL
OUTL
OUTR
MUTE
DEEMP
NC
PD/RST
BIAS VOLTAGE
FOR EXTERNAL
USE
+5V
ANALOG
AVDD
NC = NO CONNECT
0.1
µF
4.7
µF
0.1
µF
4.7
µF
AD1857/AD1858
MCLK
256 MODE
384 MODE
SAMPLE RATE
12.288MHz
18.432MHz
48kHz
44.1kHz
32kHz
11.2896MHz
16.9344MHz
8.192MHz
12.288MHz
384/
256
MCLK FREQUENCY
384/
256 = LO 384/256 = HI
DSP OR
AUDIO
DECODER
0.1
µF
2.2
µF
µCONTROLLER
4.7
µF
0.01
µF
12
11
8
13
10
9
7
14
1
6
18
19
3
20
16
2
15
5
4
17
4.7
µF
RIGHT LINE
OUTPUT
LEFT LINE
OUTPUT
OUTL
OUTR
2.2
µF
8
13
100k
820pF
1k
Ω
+
2.2
µF
100k
820pF
1k
Ω
+
*OPTIONAL OUTPUT FILTER
*
*
Figure 21. Recommended Circuit Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com