Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1864N Datasheet(PDF) 1 Page - Analog Devices

Part # AD1864N
Description  Complete Dual 18-Bit Audio DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1864N Datasheet(HTML) 1 Page - Analog Devices

  AD1864N Datasheet HTML 1Page - Analog Devices AD1864N Datasheet HTML 2Page - Analog Devices AD1864N Datasheet HTML 3Page - Analog Devices AD1864N Datasheet HTML 4Page - Analog Devices AD1864N Datasheet HTML 5Page - Analog Devices AD1864N Datasheet HTML 6Page - Analog Devices AD1864N Datasheet HTML 7Page - Analog Devices AD1864N Datasheet HTML 8Page - Analog Devices AD1864N Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD1864
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1997
Complete Dual
18-Bit Audio DAC
FEATURES
Dual Serial Input, Voltage Output DACs
No External Components Required
Operates at 8
Oversampling per Channel
5 V to
12 V Operation
Cophased Outputs
115 dB Channel Separation
0.3% Interchannel Gain Matching
0.0017% THD+N
APPLICATIONS
Multichannel Audio Applications:
Compact Disc Players
Multivoice Keyboard Instruments
DAT Players and Recorders
Digital Mixing Consoles
Multimedia Workstations
PRODUCT DESCRIPTION
The AD1864 is a complete dual 18-bit DAC offering excellent
THD+N, while requiring no external components. Two com-
plete signal channels are included. This results in cophased
voltage or current output signals and eliminates the need for
output demultiplexing circuitry. The monolithic AD1864 chip
includes CMOS logic elements, bipolar and MOS linear
elements and laser-trimmed thin-film resistor elements, all
fabricated on Analog Devices BiMOS II process.
The DACs on the AD1864 chip employ a partially-segmented
architecture. The first four MSBs of each DAC are segmented
into 15 elements. The 14 LSBs are produced using standard
R-2R techniques. Segment and R-2R resistors are laser-
trimmed to provide extremely low total harmonic distortion.
This architecture minimizes errors at major code transitions
resulting in low output glitch and eliminating the need for an
external deglitcher. When used in the current output mode, the
AD1864 provides two cophased
±1 mA output signals.
Each channel is equipped with a high performance output
amplifier. These amplifiers achieve fast settling and high slew
rate, producing
±3 V signals at load currents up to 8 mA. Each
output amplifier is short-circuit protected and can withstand
indefinite short circuits to ground.
The AD1864 was designed to balance two sets of opposing
requirements, channel separation and DAC matching. High
channel separation is the result of careful layout techniques. At
the same time, both channels of the AD1864 have been designed
to ensure matched gain and linearity as well as tracking over time
and temperature. This assures optimum performance when used in
stereo and multi-DAC per channel applications.
A versatile digital interface allows the AD1864 to be directly
connected to standard digital filter chips. This interface employs
five signals: Data Left (DL), Data Right (DR), Latch Left (LL),
Latch Right (LR) and Clock (CLK). DL and DR are the serial
input pins for the left and right DAC input registers. Input data
bits are clocked into the input register on the rising edge of
CLK. A low going latch edge updates the respective DAC
output. For systems using only a single latch signal, LL and LR
may be connected together. For systems using only one DATA
signal, DR and DL may be connected together.
The AD1864 operates from
±5 V to ±12 V power supplies. The
digital supplies, VL and –VL, can be separated from the analog
supplies, VS and –VS, for reduced digital feedthrough. Separate
analog and digital ground pins are also provided. The AD1864
typically dissipates only 225 mW, with a maximum power
dissipation of 265 mW.
The AD1864 is packaged in both a 24-pin plastic DIP and a
28-pin PLCC. Operation is guaranteed over the temperature
range of –25
°C to +70°C and over the voltage supply range of
±4.75 V to ±13.2 V.
PRODUCT HIGHLIGHTS
1. The AD1864 is a complete dual 18-bit audio DAC.
2. 108 dB signal-to-noise ratio for low noise operation.
3. THD+N is typically 0.0017%.
4. Interchannel gain and midscale matching.
5. Output voltages and currents are cophased.
6. Low glitch for improved sound quality.
7. Both channels are 100% tested at 8
× F
S.
8. Low Power—only 225 mW typ, 265 mW max.
9. Five-wire Interface for individual DAC control.
DIP BLOCK DIAGRAMS
–VS
OUT
I
+VL
OUT
V
TRIM
MSB
LR
CLK
DR
AGND
SJ
RF
S
+V
L
–V
TRIM
MSB
SJ
DL
LL
DGND
AGND
OUT
V
OUT
I
R F
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
REFERENCE
18-BIT
LATCH
18-BIT
D/A
18-BIT
D/A
REFERENCE
18-BIT
LATCH
AD1864
+
–
+
–


Similar Part No. - AD1864N

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1864 AD-AD1864_15 Datasheet
564Kb / 12P
COMPLETE DUAL 18 BIT AUDIO DAC
REV. A
More results

Similar Description - AD1864N

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1865 AD-AD1865 Datasheet
149Kb / 12P
Complete Dual 18-Bit 16 x Fs Audio DAC
AD1868 AD-AD1868 Datasheet
246Kb / 12P
Single Supply Dual 18-Bit Audio DAC
logo
Maxim Integrated Produc...
MX7845 MAXIM-MX7845 Datasheet
145Kb / 4P
Complete, 12-Bit Multiplying DAC
19-3986; Rev 0; 10/91
logo
Analog Devices
AD7840 AD-AD7840 Datasheet
338Kb / 16P
LC2MOS Complete 14-Bit DAC
REV.B
AD1865N-K AD-AD1865N-K Datasheet
693Kb / 12P
Complete Dual 18-Bit 16 x FS Audio DAC
REV. 0
AD8582ANZ AD-AD8582ANZ Datasheet
192Kb / 8P
5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
logo
API Technologies Corp
DAC9377 APITECH-DAC9377 Datasheet
2Mb / 3P
Complete Buffered 16-Bit DAC
logo
Analog Devices
AD1864 AD-AD1864_15 Datasheet
564Kb / 12P
COMPLETE DUAL 18 BIT AUDIO DAC
REV. A
AD1865 AD-AD1865_15 Datasheet
693Kb / 12P
Complete Dual 18-Bit 16FS Audio DAC
REV. 0
AD1868 AD-AD1868_15 Datasheet
250Kb / 12P
Single Supply Dual 18-Bit Audio DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com