Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1878 Datasheet(PDF) 13 Page - Analog Devices

Part # AD1878
Description  High Performance 16-/18-Bit Stereo ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1878 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD1878 Datasheet HTML 8Page - Analog Devices AD1878 Datasheet HTML 9Page - Analog Devices AD1878 Datasheet HTML 10Page - Analog Devices AD1878 Datasheet HTML 11Page - Analog Devices AD1878 Datasheet HTML 12Page - Analog Devices AD1878 Datasheet HTML 13Page - Analog Devices AD1878 Datasheet HTML 14Page - Analog Devices AD1878 Datasheet HTML 15Page - Analog Devices AD1878 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD1878/AD1879
REV. 0
–13–
DATA OUTPUT
BCK OUTPUT (64•F
S
)
CLOCK INPUT
LRCK OUTPUT
WCK INPUT
PREVIOUS
NEW
1
t
DLYCK
t
WSET
t
WHLD
t
DLYD,MSB
MSB
MSB–2
MSB–1
t
DLYD
t
DLYD
t
DLYCK
t
DLYCK
t
DLYCK
ZEROS
W+1 W+2 W+3
W
Figure 16. AD1878/AD1879 Master Mode Clock Timing: WCK Input
DATA OUTPUT
BCK INPUT (64•F
S
)
CLOCK INPUT
LRCK INPUT
WCK INPUT
t
HLD
t
SET
L+1
L
W+1 W+2 W+3
W
t
WSET
t
WHLD
t
DLYD,MSB
MSB
MSB–2
MSB–1
t
DLYD
t
DLYD
t
SET
t
SET
t
HLD
B+1 B+2
B
B+3
L+30 L+31
t
HLD
ZEROS
Figure 17. AD1878/AD1879 Slave Mode Timing
For slave modes, the word clock (WCK) input has the same
setup time requirement, tWSET, to the rising edge of master
clock (CLOCK at “W” ) as in Figure 16 and a corresponding
hold time, tWHLD, from the rising edge of CLOCK (W+3) after
the setup edge. The MSB of the DATA output will be delayed
from a falling edge of master clock (CLOCK) by tDLYD,MSB.
Subsequent bits of the DATA output in contrast will be delayed
from a rising edge of master clock (CLOCK) by tDLYD.
Synchronizing Multiple AD1878/AD1879s
Multiple AD1878/AD1879s can be synchronized either by
making all AD1878/AD1879s serial port slaves or by making
one AD1879 the serial port master and all other AD1879s
slaves. These two options are illustrated in Figure 18.
As a third alternative, it is possible to synchronize multiple mas-
ters all in Master Mode—Word Clock Output mode. See the
“Reset” discussion above in the “Operating Features” section
for timing considerations.
AD1878/AD1879 to DSP56001 Interface
The 18-bit AD1878/AD1879 can be interfaced quite simply to
the DSP56001 Digital Signal Processor. Figure 19 illustrates
one method of connection. In this implementation, the AD1878/
AD1879 is configured to operate in 64-Bit Master Mode With
Word Clock Output. Thus, the AD1878/AD1879 is the master
of the serial interface. The AD1878/AD1879 operates indepen-
dently from the DS
µPs clock. The DSP56001 serial port is
configured to operate in synchronous mode with the AD1878/
AD1879 connected to its synchronous serial interface (SSI) port.
CLOCK
SOURCE
#1
AD1879
MASTER MODE
CLK
DATA
BCK
WCK
LRCK
#2
AD1879
SLAVE MODE
CLK
DATA
BCK
WCK
LRCK
#N
AD1879
SLAVE MODE
CLK
DATA
BCK
WCK
LRCK
CLOCK
SOURCE
#1
AD1879
SLAVE MODE
CLK
DATA
BCK
WCK
LRCK
#2
AD1879
SLAVE MODE
CLK
DATA
BCK
WCK
LRCK
#N
AD1879
SLAVE MODE
CLK
DATA
BCK
WCK
LRCK
Figure 18. Synchronizing Multiple AD1878/AD1879s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com