Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1881A Datasheet(PDF) 21 Page - Analog Devices

Part # AD1881A
Description  AC??7 SoundMAX Codec
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1881A Datasheet(HTML) 21 Page - Analog Devices

Back Button AD1881A Datasheet HTML 17Page - Analog Devices AD1881A Datasheet HTML 18Page - Analog Devices AD1881A Datasheet HTML 19Page - Analog Devices AD1881A Datasheet HTML 20Page - Analog Devices AD1881A Datasheet HTML 21Page - Analog Devices AD1881A Datasheet HTML 22Page - Analog Devices AD1881A Datasheet HTML 23Page - Analog Devices AD1881A Datasheet HTML 24Page - Analog Devices AD1881A Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
AD1881A
–21–
REV. 0
APPLICATIONS CIRCUITS
The AD1881A has been designed to require a minimum amount of external circuitry. The recommended applications circuits are
shown in Figure 9. Reference designs for the AD1881A are available and may be obtained by contacting your local Analog Devices’
sales representative or authorized distributor.
RESET
SDATA_OUT
SDATA_IN
SYNC
BIT_CLK
CS0
CS1
EAPD
MODE
DIGITAL
CONTROLLER
10 F
100nF
+5AVDD
AVDD2
AVSS2 AVDD1
AVSS1
DVSS1
DVDD1
DVSS2
DVDD2
AFILT1
AFILT2
FILT_L
PHONE_IN
MONO_OUT
LINE_OUT_R
LINE_OUT_L
47k
47k
47k
1 F
24.576MHz
22pF
NP0
22pF
NP0
10 F
TANT
100nF
47nF
2.25VDC
100nF
1 F
270pF
NP0
270pF
NP0
FILT_R CX3D
RX3D VREFOUT
VREF
XTL_IN
XTL_OUT
600Z
ANALOG GROUND
DIGITAL GROUND
AD1881A
PC_BEEP
LINE_IN_R
LINE_IN_L
MIC1
MIC2
CD_R
CD_L
CD_GND
VIDEO_L
VIDEO_R
AUX_L
AUX_R
0.33 F
0.33 F
0.33 F
0.33 F
0.33 F
0.33 F
0.33 F
7
36
34
33
27
10k
47
48
1k
100nF
100nF
28
0.33 F
0.33 F
0.33 F
0.33 F
0.33 F
0.33 F
47pF
47
100nF
100nF
100nF
+3.3DVDD
10 F
39
41
47k
1 F
47k
1 F
LNLVL_OUT_L
LNLVL_OUT_R
1 F
1 F
EAPD
NOTE: FOR OPTIMAL PERFORMANCE USE A REGULATED ANALOG POWER SUPPLY.
Figure 9. Recommended One Codec Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com