Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4077-2ARMZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADA4077-2ARMZ-R7
Description  The ADA4077-2 is a dual amplifier featuring extremely low offset voltage and drift and low input bias current, noise, and power consumption.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4077-2ARMZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADA4077-2ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADA4077-2ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADA4077-2ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADA4077-2ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADA4077-2ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADA4077-2ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADA4077-2ARMZ-R7 Datasheet HTML 16Page - Analog Devices ADA4077-2ARMZ-R7 Datasheet HTML 17Page - Analog Devices ADA4077-2ARMZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADA4077-2
Data Sheet
Rev. 0 | Page 14 of 20
Figure 48. Small Signal Overshoot vs. Load Capacitance
Figure 49. Positive Settling Time
Figure 50. Voltage Noise Density vs. Frequency
Figure 51. Small Signal Overshoot vs. Load Capacitance
Figure 52. Positive Settling Time
Figure 53. Voltage Noise Corner Frequency
0
50
10
100
1k
10k
LOAD CAPACITANCE (pF)
OS+
OS–
VSY = ±5V
VIN = 200mV p-p
AV = 1
RL = 2kΩ
5
10
15
20
25
30
35
40
45
450
–100
–1
0
1
2
3
4
TIME (µs)
VSY = ±5V
VIN = 1V p-p
AV = –1
INPUT
OUTPUT
0
0.2
0.4
0.6
0.8
1
1.2
–50
0
50
100
150
200
250
300
350
400
1k
100
10
1
10
10M
1M
100k
10k
1k
100
FREQUENCY (Hz)
CH A
CH B
VSY = ±15V
AV = +1
0
50
10
100
1k
10k
LOAD CAPACITANCE (pF)
OS+
OS–
VSY = ±15V
VIN = 200mV p-p
AV = 1
RL = 2kΩ
5
10
15
20
25
30
35
40
45
500
400
300
200
100
0
–100
12
10
8
6
4
2
0
–5
0
5
10
15
20
TIME (µs)
VSY = ±15V
VIN = 10V p-p
AV = –1
INPUT
OUTPUT
100
0
0
3.0
FREQUENCY (Hz)
10
20
30
40
50
60
70
80
90
0.5
1.0
1.5
2.0
2.5
VSY = ±15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com