Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4077-2ARMZ-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADA4077-2ARMZ-R7
Description  The ADA4077-2 is a dual amplifier featuring extremely low offset voltage and drift and low input bias current, noise, and power consumption.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4077-2ARMZ-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADA4077-2ARMZ-R7 Datasheet HTML 1Page - Analog Devices ADA4077-2ARMZ-R7 Datasheet HTML 2Page - Analog Devices ADA4077-2ARMZ-R7 Datasheet HTML 3Page - Analog Devices ADA4077-2ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADA4077-2ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADA4077-2ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADA4077-2ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADA4077-2ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADA4077-2ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADA4077-2
Data Sheet
Rev. 0 | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description......................................................................... 1
Pin Connection Diagrams............................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Characteristics, ±5.0 V............................................... 3
Electrical Characteristics, ±15.0 V............................................. 4
Absolute Maximum Ratings ....................................................... 5
Thermal Resistance ...................................................................... 5
Pin Configurations and Function Descriptions............................6
Typical Performance Characteristics ..............................................7
Theory of Operation ...................................................................... 16
Applications Information .............................................................. 17
Output Phase Reversal............................................................... 17
Low Power Linearized RTD...................................................... 17
Proper Board Layout.................................................................. 18
Packaging and Ordering Information ......................................... 19
Outline Dimensions................................................................... 19
Ordering Guide .......................................................................... 20
REVISION HISTORY
10/12—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com