Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPLP01 Datasheet(PDF) 7 Page - Analog Devices

Part # ADPLP01
Description  GSM Baseband Processing Chipset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPLP01 Datasheet(HTML) 7 Page - Analog Devices

  ADPLP01 Datasheet HTML 1Page - Analog Devices ADPLP01 Datasheet HTML 2Page - Analog Devices ADPLP01 Datasheet HTML 3Page - Analog Devices ADPLP01 Datasheet HTML 4Page - Analog Devices ADPLP01 Datasheet HTML 5Page - Analog Devices ADPLP01 Datasheet HTML 6Page - Analog Devices ADPLP01 Datasheet HTML 7Page - Analog Devices ADPLP01 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AD20msp410
–7–
REV. 0
Mechanical Considerations
The chipset has been specifically designed to meet not only cost
and power consumption requirements but also attention was
paid to the physical dimensions. State-of-the-art package
technology was used to achieve smallest possible geometries. See
Table II for a list of main packaging dimensions and consult
individual data sheets of the three components for further
details.
Table II. Package Dimensions
Parameter
ASP
PLP
BBC
Unit
Package
TQFP
TQFP
TQFP
Leads
100
176
80
Pitch
0.5
0.5
0.65
mm
Body
14
× 14
24
× 24
14
× 14
mm
2
Total Height
1.6
1.7
1.6
mm
Board Area
16
× 16
26
× 26
16
× 16
mm
2
All three components utilize low profile Plastic Quad Flat Packs
with lead pitches of 0.5 mm minimum. Special attention was
paid to the possible use in PCMCIA cards.
ORDERING GUIDE
To order the parts for the AD20msp410 GSM chipset, please
order one of each of the following components.
Part
Part Number
Supply Voltage Range
ASP
ADSP-2178-780244
+2.7 V to 3.6 V
BBC
AD53/009-9 (Special AD7015) +2.7 V to 3.6 V
PLP
ADPLP01
+2.7 V to 3.6 V
An evaluation and development system may be ordered for this
chipset, under the part number, AD20msp410-EB03.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com