Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPLP01 Datasheet(PDF) 3 Page - Analog Devices

Part # ADPLP01
Description  GSM Baseband Processing Chipset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPLP01 Datasheet(HTML) 3 Page - Analog Devices

  ADPLP01 Datasheet HTML 1Page - Analog Devices ADPLP01 Datasheet HTML 2Page - Analog Devices ADPLP01 Datasheet HTML 3Page - Analog Devices ADPLP01 Datasheet HTML 4Page - Analog Devices ADPLP01 Datasheet HTML 5Page - Analog Devices ADPLP01 Datasheet HTML 6Page - Analog Devices ADPLP01 Datasheet HTML 7Page - Analog Devices ADPLP01 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD20msp410
–3–
REV. 0
decision confidence bits supplied by the equalizer. Once these
decoding functions are complete, digitized voice data is trans-
ferred to the ASP through a parallel port. Error control mecha-
nisms are used to ensure adequate bad frame indication.
Speech Decoding (ASP)
Encoded speech data is transferred at 20 ms intervals from the
PLP to the ASP in blocks of 260 bits plus the Bad Frame
Indicator (BFI). The speech decoder supports a Comfort Noise
Insertion (CNI) function that inserts a predefined silence
descriptor into the decoding process. The ASP also implements
control of talker side-tone and short term echo cancellation.
The resulting data, at 104 kb/s, is transferred to the BBC
through a dedicated serial path.
Voice Digital-to-Analog Conversion
The Voice DAC function of the BBC uses a sigma-delta con-
verter to convert and noise shape the signal. The 13-bit linear
values are converted to the analog domain and filtered to avoid
any images. The resulting differential signals can be controlled
in volume and drive directly a small earpiece as well as a
separate auxiliary output.
AUXILIARY SYSTEM FUNCTIONS
The ASP, the PLP and the BBC perform a number of auxiliary
functions which are essential to build a complete mobile radio.
A general radio section constitutes the three functions of
transmitter, receiver and synthesizer. Figure 2 shows how the
baseband chipset interfaces to a typical radio architecture. The
transmitter is fed with baseband analog I and Q signals from the
BBC and upconverted to 900 MHz for GSM applications and
1800 MHz for PCN applications.
A dedicated power amplifier increases the RF-signal to the
required level. The receiver amplifies the antenna signal, down-
converts it to an intermediate frequency (IF) and amplifies it
there again. After second conversion to baseband, the I and Q
components of the signal are fed into the BBC.
The BBC, ASP and PLP provide three auxiliary functions for
interfacing to the radio subsystem. These auxiliary functions
include AGC, AFC and Power Ramping.
Power Ramp Envelope (BBC)
To meet the spectral and time-domain specifications of the
transmitted output signal, the burst has to follow a specified
power envelope. The envelope for the power profile originates in
the PLP as a set of coefficients, down-loaded and stored in the
BBC. This envelope profile is sent to one of the auxiliary DACs
on the BBC with each burst. The analog output is fed into the
RF power amplifier, controlling the power profile and absolute
level of the transmitted data.
Automatic Gain Control (AGC)
The mobile radio has to cope with a wide range of input signal
levels. The major part of the overall gain is provided in the IF
amplifier. The incoming signal level is analyzed in the ASP and
the PLP and a digital gain control signal is sent to the BBC. A
10-bit auxiliary DAC generates the appropriate analog control
signal for the IF amplifier. Additionally gain control can be
implemented by using two output flags of the ASP.
FLAGS
13 MHz VCTCXO
13 MHz VCTCXO
SYNTHESIZER
CONTROL SIGNALS
AGC
AFC
RAMP CONTROL
AGC
PAERROR
LOCK
10-BIT DAC
I
Q
I
Q
PLP
ASP
BASEBAND/AUXILIARY SECTION OF AD7015
DIGITAL FIR FILTER
RAMPING RAM
GSMSK
MODULATOR
BURST
STORE
PA
IF
TX DAC
TX DAC
10-BIT DAC
10-BIT DAC
8-BIT DAC
DIGITAL FIR FILTER
DIGITAL FIR FILTER
DIGITAL FIR FILTER
DIGITAL FIR FILTER
RX DAC
RX DAC
BASEBAND
SERIAL
INTERFACE
AUXILIARY
SERIAL
INTERFACE
Figure 2. Control of RF Section



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com