Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZX62 Datasheet(PDF) 13 Page - Hirose Electric

Part # ZX62
Description  Micro-USB connectors meeting requirements of USB 2.0 Standard
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

ZX62 Datasheet(HTML) 13 Page - Hirose Electric

Back Button ZX62 Datasheet HTML 9Page - Hirose Electric ZX62 Datasheet HTML 10Page - Hirose Electric ZX62 Datasheet HTML 11Page - Hirose Electric ZX62 Datasheet HTML 12Page - Hirose Electric ZX62 Datasheet HTML 13Page - Hirose Electric ZX62 Datasheet HTML 14Page - Hirose Electric ZX62 Datasheet HTML 15Page - Hirose Electric ZX62 Datasheet HTML 16Page - Hirose Electric ZX62 Datasheet HTML 17Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
ZX SeriesqMicro-USB connectors meeting requirements of USB 2.0 Standard
All dimensions: mm
sPlugs
qMicro B - Assembly (insulator/contacts/lock) - Straight through hole PCB wire soldering (non-direct)
Contact HRS for Cable Termination Procedure Manual.
Part Number
CL No.
ZX20-B-5S-UNIT(12)
242-0012-8-12
All dimensions: mm
1.3
2.6
5-0.15
7.9
No.1
No.5
1.3
2.6
8.2
0.6(Through hole)
10.25
1(Land)
No.1
No.5
PCB mounting pattern
*PCB required (not supplied)
Max. thickness: 0.6mm
qMicro B - Component, Cover - Straight, through hole
Part Number
CL No.
Packaging
ZX20-B-SLDC
242-0022-1
4,000 pieces per reel
8.2
2-0.2
8
6.85
8.4
2-0.2
8.2
2.6
1.3
6.85
5-0.15
Assembly
(insulator/contacts/lock)
Cover
qAssembled
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com