Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLE30B Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # DLE30B
Description  Super Fast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

DLE30B Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  DLE30B Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd DLE30B Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low cost
Diffus ed junction
Low leakage
Low forward voltage drop
High current capability
and s im ilar solvents
Case:JEDEC DO-27,m olded plastic
Term inals: Axial lead ,solderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight:0.041ounces, 1.15 gram s
Mounting pos ition: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
am bient tem perature unles s otherwis e specified.
Single phas e,half wave,60 Hz,resis tive or inductive load. For capacitive load,derate by 20%.
DLE30C
DLE30E
UNITS
Maximum recurrent peak reverse voltage
VRRM
200
400
V
Maximum RMS voltage
VRMS
140
280
V
Maximum DC blocking voltage
VDC
200
400
V
Maximum average f orw ard rectified current
9.5mm lead length,
@T
A=75
Peak f orw ard surge current
8.3ms single half -sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous f orw ard voltage
@ 3.0 A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Maximium reverse recovery time (Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
NOTE: 1. Measured with I
F=0.5A, I R=1A, Irr=0.25A.
3. Thermal resistance f rom junction to ambient.
32
3.0
150
0.98
1.3
10.0
VOLTAGE RANGE: 100 --- 400 V
CURRENT: 3.0 A
A
IF(AV)
100
DO - 27
Easily cleaned with Freon,Alcohol,Isopropanol
The plastic m aterial carries U/L recognition 94V-0
DLE30B
100
70
A
IFSM
2. Measured at 1.0MHZ and applied rev erse v oltage of 4.0V DC.
A
IR
-55-----+150
100.0
35
22
-55-----+150
Dimensions in millimeters
DLE30B-DLE30E
Super Fast Rectifiers
Features
Mechanical Data
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - DLE30B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DLE30B SANYO-DLE30B Datasheet
71Kb / 3P
3.0A Ultrahigh-Speed Rectifier?
More results

Similar Description - DLE30B

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
SUPER FAST RECTIFIERS
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
SUPER FAST RECTIFIERS
SFF801 HY-SFF801 Datasheet
93Kb / 2P
SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com