Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLE30B Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # DLE30B
Description  Super Fast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

DLE30B Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  DLE30B Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd DLE30B Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
4.5
10
1.0
0.1
4.0
3.5
3.0
2.5
2.0
1.5
5.5
5.0
DLE30B--DLE30C
DLE30E
0
150
1
1 0
100
75
5
8.3msSingleHalf
Sine-Wave
50
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
N.1.
50
N.1.
OSCILLOSCOPE
(NOTE 1)
(+)
50VDC
(APPROX)
(-)
10
N.1.
(-)
(+ )
-1.0A
-0.25A
0
+0.5A
trr
1cm
T J -25
T J - 125
0
20
40
60
80
100
120
140
0.1
1.0
10
100
0.6
1.2
1.8
2.4
3.0
025
100
150
0
175
50
125
75
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
2. RISETIME=10ns MAX. SOURCEIMPEDANCE=50
FIG.3 --PEAK FORWARD SURGECURRENT
FIG.2 --FORWARD DERATING CURRENT
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
PERCENTOF RATED REVERSEVOLTAGE,%
FIG.4--TYPICAL FORWARD CHARACTERISTIC
FIG.5--TYPICAL REVERSECHARACTERISTICS
AMBIENTTEMPERATURE,
NUMBER OF CYCLES AT60 Hz
NOTES: 1. RISETIME= 7ns MAX. INPUTIMPEDANCE=1M . 22PF
SETTIMEBASEFOR50/100 ns /cm
FIG.1 -- REVERSE RECOVERYTIMECHARACTERISTIC AND TEST CIRCUIT DIAGRAM
DLE30B-DLE30E
Super Fast Rectifiers
Ratings AND Charactieristic Curves
http://www.luguang.cn
mail:lge@luguang.cn



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com