Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD28MSP01 Datasheet(PDF) 7 Page - Analog Devices

Part # AD28MSP01
Description  PSTN Signal Port
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD28MSP01 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD28MSP01 Datasheet HTML 3Page - Analog Devices AD28MSP01 Datasheet HTML 4Page - Analog Devices AD28MSP01 Datasheet HTML 5Page - Analog Devices AD28MSP01 Datasheet HTML 6Page - Analog Devices AD28MSP01 Datasheet HTML 7Page - Analog Devices AD28MSP01 Datasheet HTML 8Page - Analog Devices AD28MSP01 Datasheet HTML 9Page - Analog Devices AD28MSP01 Datasheet HTML 10Page - Analog Devices AD28MSP01 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD28msp01
REV. A
–7–
Since the resample phase is locked to RCONV, it can be ad-
vanced or slipped by writing a signed-magnitude value to the
Receive Phase Adjust Register (Control Register 2). The phase
advance or slip is equal to the master clock period (13.824 MHz)
multiplied by the signed-magnitude 9-bit value in Control
Register 4.
The change in phase requires a maximum of two RCONV
cycles to complete. If the value written to Control Register 4 is
less than the oversampling ratio, then the change will complete
in one RCONV cycle.
Control Registers
The AD28msp01’s six control registers configure the device for
various operating modes including filter bypass and power-
down. The AD28msp01’s host processor can read and write to
the control register through the AD28msp01’s serial port
(SPORT).
The control registers should be set up for the desired mode of
operation before bringing the AD28msp01 out of power-down
(by writing ones to the PWDA and PWDD bits in Control
Register 1).
The control registers are cleared (set to 0x0000) when the
AD28msp01 is reset.
The sampling rate should be set before writing ones to the
power-down bits. Changing the sampling rate at any other time
will force a soft reset. For more information about soft resets,
refer to the end of this section of the data sheet.
NOTE: Reserved bits should always be cleared to 0.
Control Register 0
address = 0x00
This register is used to:
• Enable/disable the resampling interpolation filter
• Set the external TSYNC clock rate
• Select the sampling rate
• Select the operating mode
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
00
0
0
0
0000
0
TS3-0
TSYNC Rate (Hz)
0000
=
9600
0001
=
8000
0010
=
7200
0011
=
4800
0100
=
2400
0101
=
1200
0110
=
600
0111
= 19200
1000
= 14400
1001
= 12000
SR1-0
Sampling Rate (kHz)
00
=
9.6
01
=
8.0
10
=
7.2
11
=
Reserved
OP2-0
Operating Modes
000
=
Asynchronous fallback mode
001
=
Reserved
010
=
Reserved
011
=
Reserved
100
=
V.32 TSYNC
101
=
V.32 Internal Sync
110
=
V.32 Loopback
111
=
Async. fallback mode TSYNC
INTEN
Interpolation filter enable
1 = enabled; 0 = disabled
Control Register 1
address = 0x01
This register is used to:
• Increase the sampling rate to 8/7 the rate selected in Control Register 0
• Power down the device
• Bypass the digital filters
0
0
0000
000
0
0
0
0
00
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
FB2
FB1
FB0
FB2-0
Filter Bypass
Configuration
0
0
0
=
No filter bypass (default)
0
0
1
=
Reserved
0
1
0
=
ADC Hi pass filter bypassed
0
1
1
=
ADC Hi and Lo pass filter bypassed
1
0
0
=
DAC filter bypassed
1
0
1
=
Reserved
1
1
0
=
DAC and ADC Hi pass filters bypassed
1
1
1
=
DAC, ADC Hi and ADC Lo pass filters
FB2 FB1 FB0
bypassed
PWDA
Power Down Analog
1 = Standard Operation
0 = Low Power
SA87
When set to a 1, this bit increases the
sampling rate to 8/7 of the programmed
rate:
(8/7) 9.6 kHz = 10.97 kHz,
(8/7) 8.0 kHz = 9.14 kHz,
(8/7) 7.2 kHz = 8.23 kHz
PWDD
Power Down Digital
1 = Standard Operation
0 = Low Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com