Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD28MSP01 Datasheet(PDF) 12 Page - Analog Devices

Part # AD28MSP01
Description  PSTN Signal Port
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD28MSP01 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD28MSP01 Datasheet HTML 8Page - Analog Devices AD28MSP01 Datasheet HTML 9Page - Analog Devices AD28MSP01 Datasheet HTML 10Page - Analog Devices AD28MSP01 Datasheet HTML 11Page - Analog Devices AD28MSP01 Datasheet HTML 12Page - Analog Devices AD28MSP01 Datasheet HTML 13Page - Analog Devices AD28MSP01 Datasheet HTML 14Page - Analog Devices AD28MSP01 Datasheet HTML 15Page - Analog Devices AD28MSP01 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD28msp01
REV. A
–12–
V.32 Internal Sync Mode
In V.32 Internal Sync Mode, shown in Figure 8, the AD28msp01’s
transmit clocks are generated internally. The receive circuitry
operates synchronous to the transmit circuitry, but the data can
be resampled at a different phase through the resampling inter-
polation filter.
TCONV, TBIT and TBAUD are generated internally and can
be phase adjusted with the Transmit Phase Adjust Register
(Control Register 5). RCONV, RBIT and RBAUD are also gen-
erated internally and can be phase adjusted with the Receive
Phase Adjust Register (Control Register 4).
TCONV initiates a new ADC sample update, loads the ADC
register (Data Register 2), and loads the DAC register (Data
Register 0) with a new sample.
The digital resampling interpolation filter can be used for digital
resampling of the received signal. Enable this function by setting
Bit 9 in Control Register 0. The phase of the resampled signal is
adjusted with the Receive Phase Adjust Register. Samples are
loaded into the interpolator at the TCONV rate and are
resampled at the RCONV rate.
When entering V.32 Internal Sync Mode, RCONV is first
locked to TCONV. RCONV is then phase adjusted whenever a
new value is written to the Receive Phase Adjust Register (Con-
trol Register 4). If this mode is entered from a non-V.32 mode,
the device performs a soft reset. The time required to lock
TCONV to RCONV is dependent on the phase difference be-
tween RCONV and TCONV when entering the mode.
This mode is entered by setting the Operating Mode field in
Control Register 0. The RCONV/TCONV rate can be set to
9.6 kHz, 8.0 kHz or 7.2 kHz by setting the sample rate bit field
in Control Register 0. The TBIT and TBAUD clock rates are
set by adjusting the appropriate bits in Control Register 3. The
RBIT and RBAUD clock rates are set by adjusting the appropri-
ate bits in Control Register 2. The bit and baud rates can be set
to any combination of clock rates listed in the control register
descriptions.
ECHO
CANCELLATION
TO MODEM RX
FROM MODEM TX
DATA
REGISTER 1
DATA
REGISTER 3
PHASE
ADJUST
INTERPOLATION
FILTER
AD28msp01
A/D
DATA
REGISTER 2
CONTROL
REGISTER 4
RX PHASE ADJUST
RX CLOCKS
ANALOG IN
TX CLOCKS
MCLK
TCONV
TBIT
TBAUD
PHASE ADJUST
D/A
DATA
REGISTER 0
16
ANALOG OUT
CONVERT
START
16
16
16
16
16
16
16
DSP Processor
RCONV
RBIT
RBAUD
PHASE ADJUST
RX CLOCKS
TX CLOCKS
CONTROL
REGISTER 5
TX PHASE ADJUST
Figure 8. V.32 Internal Sync Mode Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com