Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD28msp01KST Datasheet(PDF) 21 Page - Analog Devices

Part # AD28msp01KST
Description  PSTN Signal Port
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD28msp01KST Datasheet(HTML) 21 Page - Analog Devices

Back Button AD28msp01KST Datasheet HTML 17Page - Analog Devices AD28msp01KST Datasheet HTML 18Page - Analog Devices AD28msp01KST Datasheet HTML 19Page - Analog Devices AD28msp01KST Datasheet HTML 20Page - Analog Devices AD28msp01KST Datasheet HTML 21Page - Analog Devices AD28msp01KST Datasheet HTML 22Page - Analog Devices AD28msp01KST Datasheet HTML 23Page - Analog Devices AD28msp01KST Datasheet HTML 24Page - Analog Devices AD28msp01KST Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD28msp01
REV. A
–21–
Output Disable Time
Output pins are considered to be disabled when they have
stopped driving and started a transition from the measured out-
put high or low voltage to a high-impedance state. The output
disable time (tDIS) is the difference of tMEASURED and tDECAY, as
shown in the Output Enable/Disable diagram. The time,
tMEASURED, is the interval from when a reference signal reaches a
high or low voltage level to when the output voltages have
changed by 0.5 V from the measured output high or low volt-
age. The decay time, tDECAY, is dependent on the capacitive
load, CL, and the current load, iL, on the output pin. It can be
approximated by the following equation:
t
DECAY =
C
L × 0.5 V
i
L
from which
tDIS = tMEASURED – tDECAY
is calculated. If multiple pins (such as the data bus) are dis-
abled, the measurement value is that of the last pin to stop
driving.
Output Enable Time
Output pins are considered to be enabled when they have made
a transition from a high-impedance state to when they start driv-
ing. The output enable time (tENA) is the interval from when a
reference signal reaches a high or low voltage level to when the
output has reached a specified high or low trip point, as shown
in the Output Enable/Disable diagram. If multiple pins (such as
the data bus) are enabled, the measurement value is that of the
first pin to start driving.
V
+ 0.5V
OL
(MEASURED)
VOH
– 0.5V
(MEASURED)
REFERENCE
SIGNAL
OUTPUT
V
OH (MEASURED)
HIGH-IMPEDANCE STATE. TEST CONDITIONS CAUSE THIS
VOLTAGE LEVEL TO BE APPROXIMATELY 1.5 V.
t
ENA
OUTPUT STOPS
DRIVING
OUTPUT STARTS
DRIVING
MEASURED
t
2.0V
1.0V
DECAY
t
OH
(MEASURED)
V
(MEASURED)
OL
V
t DIS
V
OL
(MEASURED)
Figure 18. Output Enable/Disable
Serial Ports
Parameter
Min
Max
Unit
Timing Requirement:
tSCS
SDI/SDIFS Setup before SCLK Low
10
ns
tSCH
SDI/SDIFS Hold after SCLK Low
15
ns
Switching Characteristic:
tRD
SDOFS Delay from SCLK High
30
ns
tRH
SDOFS Hold after SCLK High
0
ns
tSCDH
SDO Hold after SCLK High
0
ns
tSCDD
SDO Delay from SCLK High
30
ns
SCLK
SDIFS
SDI
MSB
2ND MSB
3RD MSB
SDOFS
SDO
t
RD
t
SCS
t
SCH
t
SCK
t
RH
t
SCDD
t
SCS
t
SCH
t
SCDH
Figure 19. Serial Ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com